Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3912A1-E/SS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3912A1-E/SS
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912A1-E/SS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3912A1-E/SS Datasheet HTML 9Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 10Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 11Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 12Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 13Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 14Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 15Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 16Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
 2014 Microchip Technology Inc.
DS20005348A-page 13
MCP3912
Note:
Unless otherwise indicated, AVDD = 3V, DVDD = 3V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz on all channels, VREFEXT = 0; CLKEXT = 1;
BOOST<1:0> = 10.
FIGURE 2-19:
THD vs. GAIN.
FIGURE 2-20:
SINAD vs. GAIN.
FIGURE 2-21:
SNR vs. GAIN.
FIGURE 2-22:
SFDR vs. GAIN.
FIGURE 2-23:
THD vs. Input Signal
Amplitude.
FIGURE 2-24:
SINAD vs. Input Signal
Amplitude.
-140
-120
-100
-80
-60
-40
-20
0
1248
16
32
Gain (V/V)
OSR = 32
OSR = 64
OSR = 128
OSR = 256
OSR = 512
OSR = 1024
OSR = 2048
OSR = 4096
0
20
40
60
80
100
120
1248
16
32
Gain (V/V)
OSR = 32
OSR = 64
OSR = 128
OSR = 256
OSR = 512
OSR = 1024
OSR = 2048
OSR = 4096
0
20
40
60
80
100
120
1248
16
32
Gain (V/V)
OSR = 32
OSR = 64
OSR = 128
OSR = 256
OSR = 512
OSR = 1024
OSR = 2048
OSR = 4096
0
20
40
60
80
100
120
140
1248
16
32
Gain (V/V)
OSR = 32
OSR = 64
OSR = 128
OSR = 256
OSR = 512
OSR = 1024
OSR = 2048
OSR = 4096
-120
-100
-80
-60
-40
-20
0.001
0.01
0.1
1
10
100
1000
Input Signal Amplitude (mV
PK)
GAIN = 1x
GAIN = 2x
GAIN = 4x
GAIN = 8x
GAIN = 16x
GAIN = 32x
-20
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
1000
Input Signal Amplitude (mV
PK)
GAIN = 1x
GAIN = 2x
GAIN = 4x
GAIN = 8x
GAIN = 16x
GAIN = 32x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com