Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3910A1T-E/ML Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3910A1T-E/ML
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910A1T-E/ML Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3910A1T-E/ML Datasheet HTML 17Page - Microchip Technology MCP3910A1T-E/ML Datasheet HTML 18Page - Microchip Technology MCP3910A1T-E/ML Datasheet HTML 19Page - Microchip Technology MCP3910A1T-E/ML Datasheet HTML 20Page - Microchip Technology MCP3910A1T-E/ML Datasheet HTML 21Page - Microchip Technology MCP3910A1T-E/ML Datasheet HTML 22Page - Microchip Technology MCP3910A1T-E/ML Datasheet HTML 23Page - Microchip Technology MCP3910A1T-E/ML Datasheet HTML 24Page - Microchip Technology MCP3910A1T-E/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 21
MCP3910
3.9
Modulator Outputs
(MDAT0/MDAT1)
MDAT0 and MDAT1 are the output pins for the
modulator serial bitstreams of ADC channels 0 and 1,
respectively. These pins are high-impedance when the
EN_MDAT bit is logic low. When the EN_MDAT bit is
enabled, the modulator bitstream of each channel is
present on the MDAT0/1 output pins and updated at the
AMCLK frequency (see Section 5.3.5 “Modulator
Output Block”
for a complete description of the
modulator outputs). These pins can be directly
connected to an MCU or a DSP when a specific digital
filtering is needed. When MDAT output pins are
enabled, the DR output is disabled. In 2-Wire Interface
mode, these pins are automatically inactive. Their state
is high-impedance during this 2-Wire Interface mode
(therefore these pins can be left grounded in
applications
using
exclusively
this
mode;
this
configuration improves the EMI/EMC susceptibility of
the device).
3.10
Data Ready Output/GAIN1 Logic
Input (DR/GAIN1)
In SPI mode, the data ready output pin indicates if a
new conversion result is ready to be read. The default
state of this pin is logic high when DR_HIZ = 1, and is
high-impedance when DR_HIZ = 0 (default). After
each conversion is finished, a logic low pulse will take
place on the Data Ready pin to indicate the conversion
result is ready as an interrupt. This pulse is
synchronous with the master clock and has a defined
and constant width.
The data ready pin is independent of the SPI interface
and acts like an interrupt output. The Data Ready pin
state is not latched, and the pulse width (and period)
are both determined by the MCLK frequency,
over-sampling rate, and internal clock prescale
settings. The data ready pulse width is equal to half a
DMCLK period and the frequency of the pulses is equal
to DRCLK (see Figure 1-3).
In 2-Wire Interface mode, this is the GAIN1 logic select
input pin (see Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for GAIN0 and
GAIN1). The pin state is latched when the MODE
changes to 2-Wire Interface mode, and is relatched at
each watchdog timer reset.
3.11
Crystal Oscillator/Master Clock
Input/GAIN0 logic Input
Input Pin (OSC1/CLKI/GAIN0)
In SPI mode, OSC1/CLKI and OSC2 provide the
master clock for the device. When CLKEXT = 0, a
resonant crystal or clock source with a similar
sinusoidal waveform must be placed across the OSC1
and OSC2 pins to ensure proper operation.
The typical clock frequency specified is 4 MHz. For
proper operation, and for optimizing ADC accuracy,
AMCLK should be limited to the maximum frequency
defined in Table 5-2 for the function of the BOOST and
PGA setting chosen. MCLK can take larger values as
long as the prescaler settings (PRE<1:0>) limit
AMCLK = MCLK/PRESCALE in the defined range in
Table 5-2. Appropriate load capacitance should be
connected to these pins for proper operation.
In 2-Wire Interface mode, this is the GAIN0 logic select
input pin (see Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for GAIN0 and
GAIN1). The pin state is latched when the MODE
changes to 2-Wire Interface mode, and is relatched at
each watchdog timer reset.
3.12
Crystal Oscillator Output/
Interface MODE Logic Input
(OSC2/MODE)
When CLKEXT = 0 (default), a resonant crystal or
clock source with a similar sinusoidal waveform must
be placed across the OSC1 and OSC2 pins to ensure
proper operation. Appropriate load capacitance should
be connected to these pins for proper operation.
When CLKEXT = 1 (default condition at POR), this pin
is the MODE selection pin for the digital interface.
When MODE is logic low, the SPI interface is selected
(see Section 6.0 “SPI Serial Interface Description”)
when MODE is logic high, the 2-Wire Interface (see
Section 7.0 “2-Wire Serial Interface Description”
) is
selected. The MODE input is latched after a POR, a
Master Reset and/or a watchdog timer reset.
Note:
This pin should not be left floating when
the DR_HIZ bit is low; a 100 k
 pull-up
resistor
connected
to
DVDD
is
recommended.
Note:
When CLKEXT = 1, the crystal oscillator is
disabled. OSC1 becomes the master
clock input CLKI, a direct path for an
external clock source. One example
would be a clock source generated by an
MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com