Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3910A1T-E/SS Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3910A1T-E/SS
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910A1T-E/SS Datasheet(HTML) 2 Page - Microchip Technology

  MCP3910A1T-E/SS Datasheet HTML 1Page - Microchip Technology MCP3910A1T-E/SS Datasheet HTML 2Page - Microchip Technology MCP3910A1T-E/SS Datasheet HTML 3Page - Microchip Technology MCP3910A1T-E/SS Datasheet HTML 4Page - Microchip Technology MCP3910A1T-E/SS Datasheet HTML 5Page - Microchip Technology MCP3910A1T-E/SS Datasheet HTML 6Page - Microchip Technology MCP3910A1T-E/SS Datasheet HTML 7Page - Microchip Technology MCP3910A1T-E/SS Datasheet HTML 8Page - Microchip Technology MCP3910A1T-E/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
MCP3910
DS20005116B-page 2
 2012-2014 Microchip Technology Inc.
Package Type
Functional Block Diagram
OSC1/CLKI/GAIN0
1
2
3
4
20
19
18
17
16
15
14
13
5
6
7
8
OSC2/MODE
SDI/OSR1
RESET/OSR0
DVDD
AVDD
CH0+
CH0-
CH1-
12
9
DGND
MDAT0
MDAT1
DR/GAIN1
CH1+
AGND
SDO
11
10
REFIN+/OUT
REFIN-
CS/BOOST
SCK/MCLK
2
CH1-
CH1+
CH0+
SCK/MCLK
CS/BOOST
OSC2/MODE
OSC1/CLKI/GAIN0
CH0-
EP
20
1
19 18 17
3
4
14
13
12
11
67
8
9
21
5
10
15
16
AGND
DR/GAIN1
MCP3910
4x 4 QFN*
MCP3910
SSOP
* Includes Exposed Thermal Pad (EP); see Table 3-1.
CH0+
CH0-
CH1+
CH1-
DUAL
ADC
ANALOG
DIGITAL
SINC
3+
SINC
1
-
+
PGA
-
+
PGA
Modulator
AMCLK
DMCLK/DRCLK
Phase
Shifter
PHASE <11:0>
DATA_CH0
<23:0>
MOD<7:0>
REFIN+/OUT
REFIN-
AV DD
AGND
DGND
DV DD
MOD<3:0>
MOD<7:4>
POR
AV DD
Monitoring
Modulator
Vref+
Vref-
VREFEXT
Voltage
Reference
V REF
+
-
POR
DV DD
Monitoring
SDO
SDI/OSR1
SCK
Xtal Oscillator
MCLK
OSC1/CLKI/GAIN0
OSC2/MODE
DR/GAIN1
RESET/OSR0
Digital
Interfaces
(SPI & 2-wire)
Clock
Generation
Modulator
Output Block
MDAT1
MDAT0
DMCLK
OSR<2:0>
PRE<1:0>
EN_MDAT
CS/BOOST
+
OFFCAL_CH0
<23:0>
GAINCAL_CH0
<23:0>
X
+
OFFCAL_CH1
<23:0>
GAINCAL_CH1
<23:0>
X
DATA_CH1
<23:0>
SINC
3+
SINC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com