Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3905L-E/SS Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3905L-E/SS
Description  Energy Metering ICs with Active Real Power Pulse Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3905L-E/SS Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3905L-E/SS Datasheet HTML 24Page - Microchip Technology MCP3905L-E/SS Datasheet HTML 25Page - Microchip Technology MCP3905L-E/SS Datasheet HTML 26Page - Microchip Technology MCP3905L-E/SS Datasheet HTML 27Page - Microchip Technology MCP3905L-E/SS Datasheet HTML 28Page - Microchip Technology MCP3905L-E/SS Datasheet HTML 29Page - Microchip Technology MCP3905L-E/SS Datasheet HTML 30Page - Microchip Technology MCP3905L-E/SS Datasheet HTML 31Page - Microchip Technology MCP3905L-E/SS Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© 2006-2011 Microchip Technology Inc.
DS22011B-page 29
MCP3905A/05L/06A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3905A: Energy Metering IC
MCP3905AT: Energy Metering IC (Tape and Reel)
MCP3905L: Energy Metering IC
MCP3905LT: Energy Metering IC (Tape and Reel)
MCP3906A: Energy Metering IC
MCP3906AT: Energy Metering IC (Tape and Reel)
Temperature Range:
E
= -40°C to +125°C
I
= -40°C to +85°C
Package:
SS
= Plastic Shrink Small Outline (209 mil Body), 24-lead
PART NO.
–X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP3905A-E/SS:
Extended Temperature,
24LD SSOP.
b)
MCP3905AT-E/SS: Tape and Reel,
Extended Temperature,
24LD SSOP.
c)
MCP3905A-I/SS:
Industrial Temperature,
24LD SSOP.
d)
MCP3905AT-I/SS: Tape and Reel,
Industrial Temperature,
24LD SSOP
a)
MCP3905L-E/SS:
Extended Temperature,
24LD SSOP.
b)
MCP3905LT-E/SS: Tape and Reel,
Extended Temperature,
24LD SSOP.
c)
MCP3905L-I/SS:
Industrial Temperature,
24LD SSOP.
d)
MCP3905LT-I/SS:
Tape and Reel,
Industrial Temperature,
24LD SSOP.
a)
MCP3906A-E/SS:
Extended Temperature,
24LD SSOP.
b)
MCP3906AT-E/SS: Tape and Reel,
Extended Temperature,
24LD SSOP.
c)
MCP3906A-I/SS:
Industrial Temperature,
24LD SSOP.
d)
MCP3906AT-I/SS: Tape and Reel,
Industrial Temperature,
24LD SSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com