Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3905L-I/SS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3905L-I/SS
Description  Energy Metering ICs with Active Real Power Pulse Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3905L-I/SS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3905L-I/SS Datasheet HTML 9Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 10Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 11Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 12Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 13Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 14Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 15Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 16Page - Microchip Technology MCP3905L-I/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
© 2006-2011 Microchip Technology Inc.
DS22011B-page 13
MCP3905A/05L/06A
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Digital VDD (DVDD)
DVDD is the power supply pin for the digital circuitry
within the MCP3905A/05L/06A devices.
This pin requires appropriate bypass capacitors and
should be maintained to 5V ±10% for specified
operation.
Refer
to
Section 5.0
“Applications
Information”.
3.2
High-Pass Filter Input Logic Pin
(HPF)
HPF controls the state of the high-pass filter in both
input channels. A logic ‘1’ enables both filters,
removing any DC offset coming from the system or the
device. A logic ‘0’ disables both filters, allowing DC
voltages to be measured.
3.3
Analog VDD (AVDD)
AVDD is the power supply pin for the analog circuitry
within the MCP3905A/05L/06A devices.
This pin requires appropriate bypass capacitors and
should be maintained to 5V ±10% for specified
operation.
Refer
to
Section 5.0
“Applications
Information”.
3.4
Current Channel (CH0-, CH0+)
CH0- and CH0+ are the fully differential analog voltage
input channels for the current measurement, containing
a PGA for small-signal input, such as shunt current
sensing. The linear and specified region of this channel
is dependant on the PGA gain. This corresponds to a
maximum differential voltage of ±470 mV/GAIN and
maximum absolute voltage, with respect to AGND, of
±1V. Up to ±6V can be applied to these pins without the
risk of permanent damage.
Refer to Section 1.0 “Electrical Characteristics”.
TABLE 3-1:
PIN FUNCTION TABLE
Pin No.
Symbol
Function
1DVDD
Digital Power Supply Pin
2
HPF
High-Pass Filters Control Logic Pin
3AVDD
Analog Power Supply Pin
4
NC
No Connect
5
CH0+
Non-Inverting Analog Input Pin for Channel 0 (Current Channel)
6
CH0-
Inverting Analog Input Pin for Channel 0 (Current Channel)
7
CH1-
Inverting Analog Input Pin for Channel 1 (Voltage Channel)
8
CH1+
Non-Inverting Analog Input Pin for Channel 1 (Voltage Channel)
9MCLR
Master Clear Logic Input Pin
10
REFIN/OUT
Voltage Reference Input/Output Pin
11
AGND
Analog Ground Pin, Return Path for internal analog circuitry
12
F2
Frequency Control for HFOUT Logic Input Pin
13
F1
Frequency Control for FOUT0/1 Logic Input Pin
14
F0
Frequency Control for FOUT0/1 Logic Input Pin
15
G1
Gain Control Logic Input Pin
16
G0
Gain Control Logic Input Pin
17
OSC1
Oscillator Crystal Connection Pin or Clock Input Pin
18
OSC2
Oscillator Crystal Connection Pin or Clock Output Pin
19
NC
No Connect
20
NEG
Negative Power Logic Output Pin
21
DGND
Digital Ground Pin, Return Path for Internal Digital Circuitry
22
HFOUT
High-Frequency Logic Output Pin (Intended for Calibration)
23
FOUT1
Differential Mechanical Counter Logic Output Pin
24
FOUT0
Differential Mechanical Counter Logic Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com