Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP39F511T-E/MQ Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP39F511T-E/MQ Datasheet HTML 46Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 47Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 48Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 49Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 50Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 51Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 52Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 53Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
MCP39F511
DS20005393B-page 50
 2015 Microchip Technology Inc.
9.7
Temperature Compensation
MCP39F511
measures
the
indication
of
the
temperature sensor and uses the value to compensate
the temperature variation of the shunt resistance and
the frequency of the internal RC oscillator.
The same formula applies for Line Frequency, Current
RMS, Active Power and Reactive Power. The
temperature compensation coefficient depends on the
16-bit signed integer value of the corresponding
compensation register.
EQUATION 9-10:
At the calibration temperature, the effect of the com-
pensation coefficients is minimal. The coefficients need
to be tuned when the difference between the calibration
temperature and the device temperature is significant.
It is recommended to use the default values as starting
points.
9.8
Retrieving Factory Default
Calibration Values
After user calibration and a Save
to
Flash
command has been issued, it is possible to retrieve the
factory default calibration values. This can be done by
writing 0xA5A5 to the calibration delimiter register,
issuing a Save to Flash, and then resetting the part.
This procedure will retrieve all factory-default
calibration values and will remain in this state until
calibration has been performed again, and a
Save to Flash
command has been issued.
yx
1
c
T
T
CAL
–

+

=
Where:
x = Uncompensated Output (corresponding to
Line Frequency, Current RMS, Active Power
and Reactive Power)
y = Compensated Output
c = Temperature
Compensation
Coefficient
(depending on the shunt's Temperature
Coefficient of Resistance or on the internal RC
oscillator temperature frequency drift). There
are three registers one for Line Frequency
compensation, one for Current compensation,
and one for power compensation (Active and
Reactive)
T =
Thermistor Voltage (in 10-bit ADC units)
TCAL = Ambient Temperature Reference Voltage. It
should be set at the beginning of the
calibration
procedure,
by
reading
the
thermistor voltage and writing its value to the
ambient
temperature
reference
voltage
register.
M = 26 (for Line Frequency compensation)
= 27 (for Current, Active Power and Reactive
Power)
c
TemperatureCompensation Register
2
M
-----------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com