Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3985IM5-3.3/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-3.3/NOPB
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-3.3/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3985IM5-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LP3985IM5-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP3985IM5-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP3985IM5-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP3985IM5-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP3985IM5-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP3985IM5-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP3985IM5-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP3985IM5-3.3/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
R2
GND
Fast Turnon
Circuit
Vreference
1.23V
Overcurrent &
Thermal Protection
IN
EN
BYPASS
OUT
R1
1.4V
ON
J
0.4V
OFF@
LP3985
www.ti.com
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
7 Detailed Description
7.1 Overview
The LP3985 family of fixed-output, ultra-low-dropout and low noise regulators offers exceptional, cost-effective
performance for battery powered applications. Available in output voltages from 2.5 V to 5 V, the family is
capable of delivering 150-mA continuous load current. Standard regulator features, such as overcurrent and
overtemperature protection, are also included.
The LP3985 contains several features to facilitate battery powered designs:
• Multiple voltage options
• Low dropout voltage, typical dropout of 60 mV at 150-mA load current
• Low quiescent current and low ground current, typically 140
μA at 150-mA load, and 85-μA at 0-mA load
• A shutdown feature is available, allowing the regulator to consume only 0.003 µA typically when the EN pin is
pulled low
• Overtemperature protection and overcurrent protection circuitry is designed to safeguard the device during
unexpected conditions
• Enhanced stability: The LP3985 is stable with output capacitor, which allows the use of ceramic capacitors on
the output
• Power supply rejection is better than 50 dB at low frequencies and starts to roll off at 1 kHz.
• Low noise: A BYPASS pin allows for low-noise operation, with a typical output noise of 30 µVRMS, with the use
of a 10-nF bypass capacitor.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 No-Load Stability
The LP3985 will remain stable and in regulation with no external load. This is specially important in CMOS RAM
keep-alive applications.
7.3.2 On/Off Input Operation
The LP3985 is turned off by pulling the EN pin low, and turned on by pulling it high. If this feature is not used, the
EN pin should be tied to VIN to keep the regulator output on at all time. To assure proper operation, the signal
source used to drive the EN input must be able to swing above and below the specified turnon/turnoff voltage
thresholds listed in Electrical Characteristics under VIL and VIH.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com