Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OMAP5912ZVLR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP5912ZVLR
Description  OMAP5912 Applications Processor
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP5912ZVLR Datasheet(HTML) 47 Page - Texas Instruments

Back Button OMAP5912ZVLR Datasheet HTML 43Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 44Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 45Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 46Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 47Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 48Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 49Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 50Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 270 page
background image
Introduction
47
December 2003 − Revised December 2005
SPRS231E
Table 2−3. ZDY/GDY Package Terminal Characteristics (Continued)
ZDY/
GDY
BALL
NO.
SUPPLY
RESET
STATE#
OTHER
BUFFER
STRENGTH§
PULLUP/
PULLDN‡
MUX CTRL SETTING
(see Notes 3 and 4)
TYPE†
SIGNAL NAME
K12
CAM.RSTZ
O
Reg5[29:27] = 000
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
0
DVDD8
K12
ETM.PSTAT[0]
O
Reg5[29:27] = 001
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
0
DVDD8
UART2.RTS
O
Reg5[29:27] = 010
MMC2.CLK
O
Reg5[29:27] = 011
LOW_STATE
O
Reg5[29:27] = 110
GPIO37
I/O
Reg5[29:27] = 111
K17
LOW_STATE
O
Reg6[2:0] = 000
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
0
DVDD9
K17
UART3.TX
O
Reg6[2:0] = 001
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
0
DVDD9
PWT
O
Reg6[2:0] = 010
UART2.TX
O
Reg6[2:0] = 100
TIMER.PWM0
O
Reg6[2:0] = 101
GPIO50
I/O
Reg6[2:0] = 111
K15
UART3.RX
I
Reg6[5:3] = 000
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F
−
DVDD9
K15
PWL
O
Reg6[5:3] = 001
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F
−
DVDD9
UART2.RX
I
Reg6[5:3] = 011
TIMER.PWM1
O
Reg6[5:3] = 100
GPIO49
I/O
Reg6[5:3] = 111
K16
GPIO15
I/O
Reg6[8:6] = 000
PU100,
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
K16
KB.R[7]
I
Reg6[8:6] = 001
PU100,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
TIMER.PWM2
O
Reg6[8:6] = 010
PD20
K14
GPIO14
I/O
Reg6[11:9] = 000
PU100,
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
K14
KB.R[6]
I
Reg6[11:9] = 001
PU100,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
LCD.RED0
O
Reg6[11:9] = 010
PD20
Z_STATE
Z
Reg6[11:9] = 011
L17
GPIO13
I/O
Reg6[14:12] = 000
PU100,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
L17
KB.R[5]
I
Reg6[14:12] = 001
PU100,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
LCD.BLUE0
O
Reg6[14:12] = 010
Z_STATE
Z
Reg6[14:12] = 011
† I = Input, O = Output, Z = High-Impedance
‡ PD20 = 20-
µA internal pulldown, PD100=100-µA internal pulldown, PU20 = 20-µA internal pullup, PU100 = 100-µA internal pullup. Pullup or
pulldown can be enabled or disabled by software.
§ Lv = Low voltage (1.65 V), Hv = High voltage (2.5 V)
A = Standard LVCMOS input/output
G1 = Terminal may be gated by BFAIL
B = SUBLVDS input/ouput
G2 = Terminal may be gated by GPIO9 and MPUIO3
C = USB transceiver input/ouput
G3 = Terminal my be gated by BFAIL and OMAP5912 Internal Reset
D = I2C input/output buffers
H1 = Terminal may be 3-stated by BFAIL input
E = Analog oscillator terminals
H3 = MCSI1.DOUT pin can be forced into a high-impedance
F = Boundary-scannable terminal
state by the OMAP5912 HIGH_IMP3 control bit
K = Output buffer includes a serial resistor of 20
Ω to match with PCB line impedance and ensure proper signal integrity
# Z = High-Impedance, LZ = Low-Impedance (pin is driven), 1 = Output driven high, 0 = Output driven low
|| Slew time constraint of the EXT_DMA_REQ1 must be lower than or equal to 10 ns (from 10% to 90% of DVDD) in Mode 1.
kSlew time constraint of the EXT_DMA_REQ0 must be lower than or equal to 10 ns (from 10% to 90% of DVDD) in Mode 1.
NOTES: 3. NA denotes no multiplexing on the ball
4. ‘Regx’ denotes the terminal multiplexing register that controls the specified terminal where Regx = FUNC_MUX_CTRL_x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com