Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8345CDT-2.5 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8345CDT-2.5
Description  Low Dropout, Low IQ, 500mA CMOS Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8345CDT-2.5 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP8345CDT-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP8345CDT-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP8345CDT-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP8345CDT-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP8345CDT-2.5 Datasheet HTML 9Page - National Semiconductor (TI) LP8345CDT-2.5 Datasheet HTML 10Page - National Semiconductor (TI) LP8345CDT-2.5 Datasheet HTML 11Page - National Semiconductor (TI) LP8345CDT-2.5 Datasheet HTML 12Page - National Semiconductor (TI) LP8345CDT-2.5 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Applications Section (Continued)
START UP CONSIDERATIONS
Under certain operating conditions, overshoot of V
OUT at
start-up can occur. The observed overshoot is a function of
rise time of V
IN waveform, COUT, start-up load current, and
V
IN−VOUT differential. The relationship between these con-
ditions is shown in the Typical Performance Characteristics
curves (Minimum Input Voltage Rise Time). V
IN rise times
above the curve result in <5% overshoot.
Customers are encouraged to check the suitability of
LP8345 in their specific application.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com