Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR10100FCT Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MBR10100FCT
Description  10A Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MBR10100FCT Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MBR10100FCT Datasheet HTML 1Page - MORE Semiconductor Company Limited MBR10100FCT Datasheet HTML 2Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free
FEATURES
·Metal of silicon rectifier,majority carrier conducton
·Guard ring for transient protection
·Low power loss, high efficiency
·High current capability, low VF
·High surge capacity
·Plastic package has UL flammability
MECHANICAL DATA
·Case :TO-220F
·Polarity : As marked on the body
·Mounting position : Any
MAXIMUM RATINGS AND
AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%
10A Schottky Barrier Rectifiers
MBR10100FCT
MORE Semiconductor Company Limited
http://www.moresemi.com
1/2
classification 94V-0
molded plastic
TO-220F PACKAGE
CHARACTERISTICS
SYMBOL
MBR10100FCT
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
Vcc
100
V
Maximum Average Forward
Rectified Current
I(AV)
10
A
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
IFSM
125
A
Maximum Forward Voltage at 5A DC
VF
0.85
V
Maximum DC Reverse Current
@TC=25℃
at Rated DC Blocking Voltage
@TC=125℃
IR
0.01
15
MA
Typical Thermal Resistance
R0JC
3.0
℃/W
Operating Temperature Range
TJ
-55to+175
℃
Storage Temperature Range
TSTG
-55to+175
℃


Similar Part No. - MBR10100FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10100FCT MCC-MBR10100FCT Datasheet
664Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Compact Technology Corp...
MBR10100FCT CTC-MBR10100FCT Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR10100FCT SIRECT-MBR10100FCT Datasheet
124Kb / 2P
Power Schottky Rectifier - 10Amp 100Volt
logo
Pan Jit International I...
MBR10100FCT PANJIT-MBR10100FCT Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR10100FCT MCC-MBR10100FCT Datasheet
259Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR10100FCT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10150D1 SECOS-SM10150D1 Datasheet
105Kb / 2P
10A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SRF10-03 FRONTIER-SRF10-03 Datasheet
126Kb / 2P
10A SCHOTTKY BARRIER RECTIFIERS
SRF10-03-LFR FRONTIER-SRF10-03-LFR Datasheet
125Kb / 2P
10A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10100DS1 SECOS-SM10100DS1_15 Datasheet
205Kb / 2P
10A Schottky Barrier Rectifiers
SM10150D SECOS-SM10150D_15 Datasheet
489Kb / 2P
10A Schottky Barrier Rectifiers
SM10200D SECOS-SM10200D_15 Datasheet
249Kb / 2P
10A Schottky Barrier Rectifiers
logo
Frontier Electronics.
F10S45-THRU-F10S50 FRONTIER-F10S45-THRU-F10S50 Datasheet
499Kb / 2P
10A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR10100CT MORESEMI-MBR10100CT Datasheet
590Kb / 2P
10A Schottky Barrier Rectifiers
MBR10200CT MORESEMI-MBR10200CT Datasheet
692Kb / 2P
10A Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR10100FAT PANJIT-MBR10100FAT Datasheet
198Kb / 4P
10A SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com