Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7660CPA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC7660CPA
Description  Charge Pump DC-to-DC Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660CPA Datasheet(HTML) 4 Page - Microchip Technology

  TC7660CPA Datasheet HTML 1Page - Microchip Technology TC7660CPA Datasheet HTML 2Page - Microchip Technology TC7660CPA Datasheet HTML 3Page - Microchip Technology TC7660CPA Datasheet HTML 4Page - Microchip Technology TC7660CPA Datasheet HTML 5Page - Microchip Technology TC7660CPA Datasheet HTML 6Page - Microchip Technology TC7660CPA Datasheet HTML 7Page - Microchip Technology TC7660CPA Datasheet HTML 8Page - Microchip Technology TC7660CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC7660
DS21465C-page 4
 2002-2011 Microchip Technology Inc.
Note: Unless otherwise indicated, C1 = C2 = 10 µF, ESRC1 = ESRC2 = 1 , TA = 25°C. See Figure 1-1.
FIGURE 2-7:
Output Voltage vs. Output
Current.
FIGURE 2-8:
Supply Current and Power
Conversion Efficiency vs. Load Current.
FIGURE 2-9:
Output Voltage vs. Load
Current.
FIGURE 2-10:
Output Voltage vs. Load
Current.
FIGURE 2-11:
Supply Current and Power
Conversion Efficiency vs. Load Current.
OUTPUT CURRENT (mA)
0
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
10
20 30 40 50
60 70 80
90 100
LV OPEN
0
LOAD CURRENT (mA)
10
20
30
40
50
60
70
80
90
100
1.5
3.0
4.5
6.0
7.5
9.0
0
2
4
6
8
10
12
14
16
18
20
V+ = 2V
2
0
1
0
-1
-2
123
4
5
6
7
8
LOAD CURRENT (mA)
SLOPE 150
Ω
V+ = +2V
LOAD CURRENT (mA)
1
0
5
4
3
2
0
-1
-2
-3
-4
-5
10
20
30
40
50
60
70
80
V+ = +5V
SLOPE 55
Ω
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
V+ = +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com