| Electronic Components Datasheet Search |
|
SC16C554DIB64 Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C554DIB64 Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 55 page ![]() Philips Semiconductors SC16C554/554D Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder Product data Rev. 05 — 10 May 2004 30 of 55 9397 750 13132 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. 7.6 Modem Control Register (MCR) This register controls the interface with the modem or a peripheral device. Table 18: Modem Control Register bits description Bit Symbol Description 7 MCR[7] Reserved; set to 0. 6 MCR[6] IR enable. Logic 0 = Enable the standard modem receive and transmit input/output interface (normal default condition). Logic 1 = Enable infrared IrDA receive and transmit inputs/outputs. While in this mode, the TX/RX output/inputs are routed to the infrared encoder/decoder. The data input and output levels will conform to the IrDA infrared interface requirement. As such, while in this mode, the infrared TX output will be a logic 0 during idle data conditions. 5 MCR[5] Reserved; set to 0. 4 MCR[4] Loop-back. Enable the local loop-back mode (diagnostics). In this mode the transmitter output (TX) and the receiver input (RX), CTS, DSR, CD, and RI are disconnected from the SC16C554/554D I/O pins. Internally the modem data and control pins are connected into a loop-back data configuration (see Figure 8). In this mode, the receiver and transmitter interrupts remain fully operational. The Modem Control Interrupts are also operational, but the interrupts’ sources are switched to the lower four bits of the Modem Control. Interrupts continue to be controlled by the IER register. Logic 0 = Disable loop-back mode (normal default condition). Logic 1 = Enable local loop-back mode (diagnostics). 3 MCR[3] OP2, INTx enable. Used to control the modem CD signal in the loop-back mode. Logic 0 = Forces INTA-INTD outputs to the 3-State mode during the 16 mode (normal default condition). In the loop-back mode, sets OP2 (CD) internally to a logic 1. Logic 1 = Forces the INTA-INTD outputs to the active mode during the 16 mode. In the loop-back mode, sets OP2 (CD) internally to a logic 0. 2 MCR[2] OP1. This bit is used in the Loop-back mode only. In the loop-back mode, this bit is used to write the state of the modem RI interface signal via OP1. 1 MCR[1] RTS Logic 0 = Force RTS output to a logic 1 (normal default condition). Logic 1 = Force RTS output to a logic 0. Automatic RTS may be used for hardware flow control by enabling EFR[6]. See Table 21. 0 MCR[0] DTR Logic 0 = Force DTR output to a logic 1 (normal default condition). Logic 1 = Force DTR output to a logic 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |