Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A8652 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A8652
Description  Wide Input Voltage, Synchronous USB Buck Regulator with Remote Load Regulation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8652 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A8652 Datasheet HTML 17Page - Allegro MicroSystems A8652 Datasheet HTML 18Page - Allegro MicroSystems A8652 Datasheet HTML 19Page - Allegro MicroSystems A8652 Datasheet HTML 20Page - Allegro MicroSystems A8652 Datasheet HTML 21Page - Allegro MicroSystems A8652 Datasheet HTML 22Page - Allegro MicroSystems A8652 Datasheet HTML 23Page - Allegro MicroSystems A8652 Datasheet HTML 24Page - Allegro MicroSystems A8652 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Wide Input Voltage, Synchronous USB Buck Regulator
with Remote Load Regulation
A8652,
A8653
21
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Thermal Shutdown (TSD)
The A8652/53 monitors its junction temperature and will stop
PWM switching and pull POK low if it becomes too hot. Also, to
prepare for a restart, the SS and COMP pins will be pulled low
until VSS < VSS(RST). TSD is a non-latched fault so the A8652/53
will automatically recover if the junction temperature decreases
by approximately 20°C.
Pin-to-Ground and Pin-to-Pin Short Protec-
tions
The A8652/53 was designed to satisfy the most demanding
automotive and nonautomotive applications. For example, the
A8652/53 was carefully designed “up front” to withstand a short
circuit to ground at each pin without suffering damage.
In addition, care was taken when defining the A8652/53’s pinouts
to optimize protection against pin-to-pin adjacent short-circuits.
For example, logic pins and high-voltage pins were separated as
much as possible. Inevitably, some low-voltage pins were located
adjacent to high-voltage pins. In these instances, the low-voltage
pins were designed to withstand increased voltages, with clamps
and/or series input resistance, to prevent damage to the A8652/53.
C
O
2 × 22 µF
L 10 µH
O
R
sen
20 m
R/2
WIRE
62.5 m
R/2
WIRE
62.5 m
V
LOAD
V
OUT
C
LOAD
100 µF
R
FB2
R
FB1
5.1 V
ISEN+
ISEN-
FB
D
Figure 12a: Protection Circuitry for
Load Short-to-Battery
FB
VOUT
POK
Figure 12b: Test Results when Battery = 36 V is
Shorted to VOUT
Ch1: VOUT (10 V/div); Ch2: VFB (2 V/div);
Ch4: VPOK (5 V/div); 50 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com