Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XL60-2R7308W-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # XL60-2R7308W-R
Description  2.7V Supercapacitor cells
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XL60-2R7308W-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  XL60-2R7308W-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XL60-2R7308W-R Datasheet HTML 2Page - Cooper Bussmann, Inc. XL60-2R7308W-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PowerStor is now
part of Eaton
Same great
products plus
even more.
The PowerStor brand of
supercapacitors (formerly
of the Bussmann Division
of Cooper Industries)
is now part of
Eaton’s Electrical Group,
Electronics Division.
Technical Data 10339
Effective October 2014
PowerStor XL60 Series
2.7V Supercapacitor cells
Description
Eaton PowerStor supercapacitors are unique,
ultra-high capacitance devices utilizing
electrochemical double layer capacitor (EDLC)
construction combined with new, high
performance materials.This combination of
advanced technologies allows Eaton to offer
a wide variety of capacitor solutions tailored
to specific applications. The XL60 Series
supercapacitor cells offers high energy and
power in a standardized form factor. Terminal
design is optimized for high reliability and low
contact resistance.
Features and benefits
Long life energy storage, up to 20 years
Ultra low ESR for very high power density
Wide operating temperature range
Maintenance free
Cost effective backup power and large energy
recapture
Low operating costs
High efficiency (>98%) under broad
environmental conditions
High reliability, green solution
Applications
Backup power
Peak power shaving, pulse power
Engine starting
Energy capture and re-use (Hybrids) for
automotive, trucks, mining and construction,
equipment, cranes
Remote power for sensors, LEDs, switches
Pb
HALOGEN
HF
FREE


Similar Part No. - XL60-2R7308W-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
XL60-2R7308W-R EATON-XL60-2R7308W-R Datasheet
226Kb / 3P
Cylindrical cells
More results

Similar Description - XL60-2R7308W-R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105DCN5R5M ILLINOISCAPACITOR-105DCN5R5M Datasheet
137Kb / 1P
Supercapacitor
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN_17 Datasheet
120Kb / 1P
Supercapacitor
106DCN2R7STJD ILLINOISCAPACITOR-106DCN2R7STJD Datasheet
128Kb / 1P
Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
Supercapacitor
205DCN2R7S ILLINOISCAPACITOR-205DCN2R7S Datasheet
128Kb / 1P
Supercapacitor
304DCN2R7SCBB ILLINOISCAPACITOR-304DCN2R7SCBB Datasheet
128Kb / 1P
Supercapacitor
306DCN2R7M ILLINOISCAPACITOR-306DCN2R7M Datasheet
128Kb / 1P
Supercapacitor
DGH105Q5R5 ILLINOISCAPACITOR-DGH105Q5R5 Datasheet
204Kb / 1P
Supercapacitor
DGH106Q2R7 ILLINOISCAPACITOR-DGH106Q2R7 Datasheet
204Kb / 1P
Supercapacitor
logo
Skeleton Technologies. ...
SCA3200 SKELETON-SCA3200 Datasheet
740Kb / 10P
Large supercapacitor cells
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com