Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT9072AB Datasheet(PDF) 59 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 59 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 55Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 56Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 57Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 58Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 59Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 60Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 61Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 62Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 63Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 275 page
background image
MT9072
Data Sheet
59
Zarlink Semiconductor Inc.
7.2
E1 Data Link (DL) Operation
Table 12 shows the contents of the transmit and receive Frame Alignment Signals (FAS) and Non-frame Alignment
Signals (NFAS) of timeslot zero of a PCM30 signal. Even numbered frames (CRC Frame # 0, 2, 4,...) are FASs and
odd numbered frames (CRC Frame # 1, 3, 5,...) are NFASs. The bits of each channel are numbered 1 to 8, with bit
1 being the most significant and bit 8 the least significant. The Data Link (DL) bits, also referred to as National bits,
are the Sa4, Sa5, Sa6, Sa7 and Sa8 bits of the PCM30 timeslot zero NFAS frames. Any number and combination
of these bits may be used for the transport of maintenance and performance monitoring information across the
PCM30 link. The DataLink in controlled by the address Y06 and Y08.
The received Data Link bits are always sent to the DataLink Pins and the National bit buffers(YC0-YC4).
The Data Link (DL) bits (Sa4~Sa8) of the PCM30 timeslot zero NFAS frames can be accessed by the MT9072 in the
following four ways:
• External serial port pins. Hence the user can use pins (TxDL and TxDLC) for transmit data link access and
RxDL and RXDLC for receive data link access
•
Micro port access which would use Transmit 5 bit register (TNU4-8 address YB0 to YB4). For the receiver
Receive 5 bit register (RNU4-8 address YC0-YC4).
• ST-BUS access Transmit ST-BUS (DSTi timeslot 0) enabled by transparent mode
• On board HDLC for Timeslot 0
Note: that the user can source different Sa bits from a combination of the above 4 methods. For instance the Sa4
bit could be sourced from the External Serial Port and Sa5 to Sa8 from the micro port register (TNU5-8 address YB1
to YB4).
The registers related to the configuration control and status of the data link are shown in Table 17.
Register
Address
Register
Description
Y00
Alarm and Framing Control
Register
The Data Link is not supported in the IMA mode.
Y06
HDLC and CCS ST-BUS
control register
The bit HPSEL has to be 0 if the internal HDLC is to be used for the
Data Link.
Y08
Data Link Control Register
This register determines the source of the Sa bits which can be micro
port,HDLC, data link pins or ST-BUS. This register is also used to
control the data link pins Txdl and Rxdl.
Y13
NFAS and FAS status
The national use bits RNU can be read from this status register.
Y26
CAS, National, CRC-4
Latched Status
The Sa bit latched values can be read from this register, SA5VL,
SA6NL etc.
Y36
CAS, National, CRC-4
Interrupt Status
The Sa bit interrupt values can be read from this register, SA5VI,
SA6NI etc.
Y46
CAS, National, CRC-4
Interrupt Mask
These are the mask bits for Y36.
YB0-YB4 Transmit National Bits
Transmit national bits used for sending
Sa bits(SA4 to SA8).
YC0-YC4 Receive national bit
Receive National bits(SA4 to SA8)
Table 17 - Data Link and Sa Bits Configuration and Status Registers (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com