Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSOX2COMP Datasheet(PDF) 12 Page - Keysight Technologies

Part # DSOX2COMP
Description  Serial Bus Options for InfiniiVision
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX2COMP Datasheet(HTML) 12 Page - Keysight Technologies

Back Button DSOX2COMP Datasheet HTML 8Page - Keysight Technologies DSOX2COMP Datasheet HTML 9Page - Keysight Technologies DSOX2COMP Datasheet HTML 10Page - Keysight Technologies DSOX2COMP Datasheet HTML 11Page - Keysight Technologies DSOX2COMP Datasheet HTML 12Page - Keysight Technologies DSOX2COMP Datasheet HTML 13Page - Keysight Technologies DSOX2COMP Datasheet HTML 14Page - Keysight Technologies DSOX2COMP Datasheet HTML 15Page - Keysight Technologies DSOX2COMP Datasheet HTML 16Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet
Specifications/Characteristics (Continued)
USB 2.0 high-speed specifications/characteristics (DSOX4USBH and DSOX6USBH)
USB differential input source
Analog channels 1, 2, 3, 4 (using a differential active probe)
Speed
High (480 Mb/s)
Triggering
Token packet with specified content
Data packet with specified content
Handshake packet with specified content
Special packet with specified content
All errors – any of the below error conditions
PID error – if packet type field does not match check field
CRC5 error – if 5 bit CRC error is detected
CRC16 error – if 16 bit CRC error is detected
Glitch error – if two transitions occur in half a bit time
Hardware-based decode
Base format
Hex, Binary, ASCII, or Decimal data decode
Token packets (excluding SOF, 3 bytes)
PID (yellow, “OUT”, “IN”, “SETUP”, “PING”)
PID check (yellow when valid, red when error detected) – numeric value
Address (blue, 7 bits)
Endpoint (green, 4 bits)
CRC (blue when valid, red when error detected, 5 bits)
Token packets (SOF, 3 bytes)
PID (yellow, “SOF”)
PID check (yellow when valid, red when error detected, 5 bits)
Data packets (3 to 1027 bytes)
Frame (green, 11-bits) – the frame number
CRC (blue when valid, red when error detected, 5 bits)
PID (yellow, “DATA0”, “DATA1”, DATA2”, “MDATA”)
PID check (yellow when valid, red when error detected, 16 bits)
Handshake packets (1 byte)
PID (yellow, “ACK”, “NAK”, “STALL”, “NYET”, “PRE”, “ERR”)
PID check (yellow when valid, read when error detected) – numeric value
Hub Addr (green, 7 bits)
SC (blue, 1 bit)
Port (green, 7 bits)
S & E|U (blue, 2 bits)
ET (green, 2 bits)
CRC (blue when valid, red when error detected, 5 bits
Multi-bus analysis
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com