Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP3400D Datasheet(PDF) 11 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 11 Page - Micronas

Back Button MSP3400D Datasheet HTML 7Page - Micronas MSP3400D Datasheet HTML 8Page - Micronas MSP3400D Datasheet HTML 9Page - Micronas MSP3400D Datasheet HTML 10Page - Micronas MSP3400D Datasheet HTML 11Page - Micronas MSP3400D Datasheet HTML 12Page - Micronas MSP3400D Datasheet HTML 13Page - Micronas MSP3400D Datasheet HTML 14Page - Micronas MSP3400D Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
11
4.1.2. Quadrature Mixers
The digital input coming from the integrated A/D con-
verter may contain audio information at a frequency
range of theoretically 0 to 9 MHz corresponding to the
selected standards. By means of two programmable
quadrature mixers, two different audio sources, for
example NICAM and FM-Mono, may be shifted into
baseband position. In the following, the two main
channels are provided to process either:
– NICAM (MSP-Ch1) and FM/AM mono (MSP-Ch2)
simultaneously or, alternatively:
– FM-Mono (Ch2)
– FM2 (MSP-Ch1) and FM1 (MSP-Ch2).
Two programmable registers, to be divided up into a
low and a high part, determine frequency of the oscilla-
tor, which corresponds to the frequency of the desired
audio carrier.
4.1.3. Low-pass Filtering Block
for Mixed Sound IF Signals
Data shaping and/or FM bandwidth limitation is per-
formed by a linear phase finite impulse response (FIR)
filter. Just like the oscillators’ frequency, the filter coeffi-
cients are programmable and are written into the IC by
the CCU via the control bus. Thus, for example, differ-
ent NICAM versions can easily be implemented. Two
not necessarily different sets of coefficients are
required, one for MSP-Ch1 (NICAM or FM2) and one
for MSP-Ch2 (FM1 = FM-mono). In a corresponding
table several coefficient sets are proposed.
Fig. 4–2: Architecture of demodulator and NICAM decoder section
Phase and
AM Dis-
crimination
MSP sound IF channel 1
(MSP-Ch1: FM2, NICAM)
MSP sound IF channel 2
(MSP-Ch2: FM1, AM)
VREFTOP
ANA_IN1+
ANA_IN2+
ANA_IN-
AD_CV[8]
AD_CV[7:1]
AGC
AD
DCO1
Oscillator
Mixer
FIR1
Lowpass
MODE_REG[6]
Amplitude
DQPSK
Decoder
Phase
Differen-
tiator
Carrier
Detect
AD_CV[9]
Mute
NICAM
Decoder
Mixer
Lowpass
ADR
NICAMA
NICAMB
FM2
IDENT
Carrier
Detect
Mute
Lowpass
FM1/AM
MODE_REG[8]
Differen-
tiator
Phase
FIR2
Lowpass
Phase and
AM Dis-
crimination
Amplitude
Mixer
Oscillator
DCO2
Pins
Demodulator Write Registers
FRAME
NICAMA
DCO2
Internal signal lines (see fig. 4–2)
MSP3410D only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com