Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC1007ISO8EVB Datasheet(PDF) 17 Page - Exar Corporation

Part # CLC1007ISO8EVB
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1007ISO8EVB Datasheet(HTML) 17 Page - Exar Corporation

Back Button CLC1007ISO8EVB Datasheet HTML 13Page - Exar Corporation CLC1007ISO8EVB Datasheet HTML 14Page - Exar Corporation CLC1007ISO8EVB Datasheet HTML 15Page - Exar Corporation CLC1007ISO8EVB Datasheet HTML 16Page - Exar Corporation CLC1007ISO8EVB Datasheet HTML 17Page - Exar Corporation CLC1007ISO8EVB Datasheet HTML 18Page - Exar Corporation CLC1007ISO8EVB Datasheet HTML 19Page - Exar Corporation CLC1007ISO8EVB Datasheet HTML 20Page - Exar Corporation CLC1007ISO8EVB Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
© 2007-2014 Exar Corporation
17 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
Application Information
General Description
The CLC1007, CLC2007, and CLC4007 are single supply,
general purpose, voltage-feedback amplifiers fabricated on
a complementary bipolar process using a patent pending
topography. They feature a rail-to-rail output stage and is
unity gain stable. Both gain bandwidth and slew rate are
insensitive to temperature.
The common mode input range extends to 300mV below
ground and to 0.9V below Vs. Exceeding these values will
not cause phase reversal. However, if the input voltage
exceeds the rails by more than 0.5V, the input ESD devices
will begin to conduct. The output will stay at the rail during
this overdrive condition.
The design is short circuit protected and offers “soft”
saturation protection that improves recovery time.
Figures 1, 2, and 3 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations. Figure
4 shows the typical non-inverting gain circuit for single supply
applications.
+
-
Rf
0.1 F
6.8 F
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1 F
6.8 F
RL
Figure 1: Typical Non-Inverting Gain Circuit
+
-
Rf
0.1 F
6.8 F
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1 F
6.8 F
RL
Rg
R1
Figure 2: Typical Inverting Gain Circuit
+
-
0.1 F
6.8 F
Output
G = 1
Input
+Vs
-Vs
0.1 F
6.8 F
RL
Figure 3: Unity Gain Circuit
+
-
Rf
0.1F
6.8F
Out
In
+Vs
+
Rg
Figure 4: Single Supply Non-Inverting Gain Circuit
Overdrive Recovery
For an amplifier, an overdrive condition occurs when the
output and/or input ranges are exceeded. The recovery time
varies based on whether the input or output is overdriven
and by how much the ranges are exceeded. The CLC1007,
CLC2007, and CLC4007 will typically recover in less than
20ns from an overdrive condition. Figure 5 shows the
CLC2007 in an overdriven condition.
-6
-4
-2
0
2
4
6
0
100
200
300
400
500
600
700
800
900 1,000
Time (ns)
Vs = +/-5V_RL=2K_AV=+5
INPUT
OUTPUT
Figure 5: Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com