Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC2007ISO8MTR Datasheet(PDF) 26 Page - Exar Corporation

Part # CLC2007ISO8MTR
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2007ISO8MTR Datasheet(HTML) 26 Page - Exar Corporation

Back Button CLC2007ISO8MTR Datasheet HTML 19Page - Exar Corporation CLC2007ISO8MTR Datasheet HTML 20Page - Exar Corporation CLC2007ISO8MTR Datasheet HTML 21Page - Exar Corporation CLC2007ISO8MTR Datasheet HTML 22Page - Exar Corporation CLC2007ISO8MTR Datasheet HTML 23Page - Exar Corporation CLC2007ISO8MTR Datasheet HTML 24Page - Exar Corporation CLC2007ISO8MTR Datasheet HTML 25Page - Exar Corporation CLC2007ISO8MTR Datasheet HTML 26Page - Exar Corporation CLC2007ISO8MTR Datasheet HTML 27Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
© 2007-2014 Exar Corporation
26 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
Ordering Information
Part Number
Package
Green
Operating Temperature Range
Packaging
CLC1007 Ordering Information
CLC1007IST5X
TSOT-5
Yes
-40°C to +125°C
Tape & Reel
CLC1007IST5MTR
TSOT-5
Yes
-40°C to +125°C
Mini Tape & Reel
CLC1007IST5EVB
Evaluation Board
N/A
N/A
N/A
CLC1007ISO8X
SOIC-8
Yes
-40°C to +125°C
Tape & Reel
CLC1007ISO8MTR
SOIC-8
Yes
-40°C to +125°C
Mini Tape & Reel
CLC1007ISO8EVB
Evaluation Board
N/A
N/A
N/A
CLC2007 Ordering Information
CLC2007ISO8X
SOIC-8
Yes
-40°C to +125°C
Tape & Reel
CLC2007ISO8MTR
SOIC-8
Yes
-40°C to +125°C
Mini Tape & Reel
CLC2007ISO8EVB
Evaluation Board
N/A
N/A
N/A
CLC2007IMP8X
MSOP-8
Yes
-40°C to +125°C
Tape & Reel
CLC2007IMP8MTR
MSOP-8
Yes
-40°C to +125°C
Mini Tape & Reel
CLC2007IMP8EVB
Evaluation Board
N/A
N/A
N/A
CLC4007 Ordering Information
CLC4007ITP14X
TSSOP-14
Yes
-40°C to +125°C
Tape & Reel
CLC4007ITP14MTR
TSSOP-14
Yes
-40°C to +125°C
Mini Tape & Reel
CLC4007ITP14EVB
Evaluation Board
N/A
N/A
N/A
CLC4007ISO14X
SOIC-14
Yes
-40°C to +125°C
Tape & Reel
CLC4007ISO14MTR
SOIC-14
Yes
-40°C to +125°C
Mini Tape & Reel
CLC4007ISO14EVB
Evaluation Board
N/A
N/A
N/A
Moisture sensitivity level for all parts is MSL-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com