Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPD103BCPZRL Datasheet(PDF) 21 Page - Analog Devices

Part # ADPD103BCPZRL
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZRL Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPD103BCPZRL Datasheet HTML 17Page - Analog Devices ADPD103BCPZRL Datasheet HTML 18Page - Analog Devices ADPD103BCPZRL Datasheet HTML 19Page - Analog Devices ADPD103BCPZRL Datasheet HTML 20Page - Analog Devices ADPD103BCPZRL Datasheet HTML 21Page - Analog Devices ADPD103BCPZRL Datasheet HTML 22Page - Analog Devices ADPD103BCPZRL Datasheet HTML 23Page - Analog Devices ADPD103BCPZRL Datasheet HTML 24Page - Analog Devices ADPD103BCPZRL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 20 of 52
I2C SERIAL INTERFACE
The ADPD103 supports an I2C serial interface via the SDA
(data) and SCL (clock) pins. All internal registers are accessed
through the I2C interface.
The ADPD103 conforms to the UM10204 I2
C-Bus Specification
and User Manual, Rev. 05—9 October 2012, available from NXP
Semiconductors. It supports a fast mode (400 kbps) data transfer.
Register read and write are supported, as shown in Figure 19.
Figure 2 shows the timing diagram for the I2C interface.
Slave Address
The default 7-bit I2C slave address for the device is 0x64,
followed by the R/W bit. For a write, the default I2C slave
address is 0xC8; for a read, the default I2C address is 0xC9. The
slave address is configurable by writing to Register 0x09, Bits[7:1].
When multiple ADPD103 devices are on the same bus lines, the
INT and PDSO pins can be used to select specific devices for
the address change. Register 0x0D can be used to select a key to
enable address changes in specific devices. Use the following
procedure to change the slave address when multiple ADPD103
devices are connected to the same I2C bus lines:
1. Using Register 0x4F, enable the input buffer of the PDSO pin,
the INT pin, or both, depending on the key being used.
2. For the device identified as requiring an address change,
set the INT and/or PDSO pins high or low to match the
key being used.
3. Write the SLAVE_ADDRESS_KEY using Register 0x0D,
Bits[15:0] to match the desired function. The allowed keys
are shown in Table 24.
4. Write the desired SLAVE_ADDRESS using Register 0x09,
Bits[7:1]. While writing to Register 0x09, Bits[7:1], write
0xAD to Register 0x09, Bit[15:8]. Register 0x09 must be
written to immediately after writing to Register 0x0D.
5. Repeat Step 1 to Step 4 for all the devices that need the
SLAVE_ADDRESS changed.
6. Set the INT and PDSO pins as desired for normal operation
using the new SLAVE_ADDRESS for each device.
I2C Write and Read Operations
Figure 19 illustrates theADPD103 I2C write and read operations.
Single word and multiword read operations are supported. For a
single register read, the host sends a no acknowledge after the
second data byte is read and a new register address is needed for
each access.
For multiword operations, each pair of data bytes is followed by
an acknowledge from the host until the last byte of the last word is
read. The host indicates the last read word by sending a no
acknowledge. When reading from the FIFO (Register 0x60), the
data is automatically advanced to the next word in the FIFO
and the space is freed. When reading from other registers, the
register address is automatically advanced to the next register,
except at Register 0x5F or Register 0x7F, where the address does
not increment. This allows lower overhead reading of sequential
registers.
All register writes are single word only and require 16 bits (one
word) of data.
The software reset (Register 0x0F, Bit 0) is the only command
that does not return an acknowledge because the command is
instantaneous.
Table 15. Definition of I2C Terminology
Term
Description
SCL
Serial clock.
SDA
Serial address and data.
Master
The master is the device that initiates a transfer, generates clock signals, and terminates a transfer.
Slave
The slave is the device addressed by a master. The ADPD103 operates as a slave device.
Start (S)
A high to low transition on the SDA line while SCL is high; all transactions begin with a start condition.
Start (Sr)
Repeated start condition.
Stop (P)
A low to high transition on the SDA line while SCL is high. A stop condition terminates all transactions.
ACK
During the acknowledge or no acknowledge clock pulse, the SDA line is pulled low and remains low.
NACK
During the acknowledge or no acknowledge clock pulse, the SDA line remains high.
Slave Address
After a start (S), a 7-bit slave address is sent, which is followed by a data direction bit (read or write).
Read (R)
A 1 indicates a request for data.
Write (W)
A 0 indicates a transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com