Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2875 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2875
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2875 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2875 Datasheet HTML 1Page - Microchip Technology MIC2875 Datasheet HTML 2Page - Microchip Technology MIC2875 Datasheet HTML 3Page - Microchip Technology MIC2875 Datasheet HTML 4Page - Microchip Technology MIC2875 Datasheet HTML 5Page - Microchip Technology MIC2875 Datasheet HTML 6Page - Microchip Technology MIC2875 Datasheet HTML 7Page - Microchip Technology MIC2875 Datasheet HTML 8Page - Microchip Technology MIC2875 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC2875
DS20005549A-page 4
 2015 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Characteristics:
VIN = 3.6V, VOUT = 5V, CIN = 4.7 μF, COUT = 22 μF, L = 1 μH TA = 25°C, bold values are
valid for –40°C
 TJ  +125°C Unless otherwise indicated.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply
Supply Voltage Range
VIN
2.5
5.5
V
UVLO Rising Threshold
VUVLOR
2.32
2.49
V
UVLO Hysteresis
VUVLOH
200
mV
Quiescent Current
IVIN
1
mA
Operating at minimum
switching frequency
VIN Shutdown Current
IVINSD
1
3
μAVEN = 0V, VIN = 5.5V, VOUT =
0V
VOUT Shutdown Current
IVOUTSD
2
5
μAVEN = 0V, VIN = 0.3V, VOUT =
5.5V
Output Voltage
VOUT
VIN
5.5
V
Feedback Voltage
VFB
0.8865
0.9
0.9135
V
Adjustable version, IOUT = 0A
Voltage Accuracy
1.5
+1.5
%
Fixed version, IOUT = 0A
Line Regulation
——
0.3
%/V
2.5V < VIN < 4.5V, IOUT =
500 mA
Load Regulation
——
0.2
%/A
IOUT = 200 mA to 1200 mA
Maximum Duty Cycle
DMAX
92
%—
Minimum Duty Cycle
DMIN
6.5
%—
Low-side Switch Current
Limit
ILS
3.8
4.8
5.8
A
VIN = 2.5V
Switch On-Resistance
PMOS
79
VIN = 3.0V, ISW = 200 mA,
VOUT = 5.0V
NMOS
82
VIN = 3.0V, ISW = 200 mA,
VOUT = 5.0V
Switch Leakage Current
(Note 2)
ISW
0.2
5
μAVEN = 0V, VIN = 5.5V
Minimum Switching
Frequency
FSWMIN
45
kHz
IOUT = 0 mA
Oscillator Frequency
FOSC
1.6
2
2.4
MHz
Overtemperature
Shutdown Threshold
TSD
155
°C
Overtemperature
Shutdown Hysteresis
15
Soft-Start
Soft-Start Time
TSS
1.1
ms
VOUT = 5.0V
Note 1:
Specification for packaged product only.
2:
Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com