Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCS3142 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 12Page - Microchip Technology MCS3142_14 Datasheet HTML 13Page - Microchip Technology MCS3142_14 Datasheet HTML 14Page - Microchip Technology MCS3142_14 Datasheet HTML 15Page - Microchip Technology MCS3142_14 Datasheet HTML 16Page - Microchip Technology MCS3142_14 Datasheet HTML 17Page - Microchip Technology MCS3142_14 Datasheet HTML 18Page - Microchip Technology MCS3142_14 Datasheet HTML 19Page - Microchip Technology MCS3142_14 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
MCS3142
DS40001747A-page 16
 2014 Microchip Technology Inc.
4.0
CLASSIC KEELOQ®
TECHNOLOGY OPERATION
4.1
Synchronization Counter
This is the 16-bit synchronization value that is used to
create the hopping code for transmission. This value
will be incremented after every transmission. The initial
value of the synchronization counter may be set via the
Synchronization Counter Initial Value registers (see
Table 3-22).
4.2
DISC Bits
The Discrimination bits are used to validate the
decrypted code word. The discrimination value is
typically programmed with the ten Least Significant bits
of the serial number or some other fixed value, as
desired by the manufacturer.
The Discrimination bits are programmed into the
Configuration registers at program-time. SeeTable 3-5.
4.3
Function Code (Button Status
Code)
The function code is a bitmapped representation of the
state of each button on the transmitter. States are
active-high.
4.4
Serial Number
Each Classic KEELOQ encoder transmits its 28-bit serial
number with each transmission. It is intended that this
serial number be unique to a system. It is set in the
Serial Number Configuration registers, described in
Table 3-4.
TABLE 4-1:
CLASSIC KEELOQ® BUTTON
CODE TRANSLATION
Button
Function Code
S0
xxx1
S1
xx1x
S2
x1xx
S3
1xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com