Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICRF507YMLTR Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MICRF507YMLTR
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507YMLTR Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MICRF507YMLTR Datasheet HTML 17Page - Micrel Semiconductor MICRF507YMLTR Datasheet HTML 18Page - Micrel Semiconductor MICRF507YMLTR Datasheet HTML 19Page - Micrel Semiconductor MICRF507YMLTR Datasheet HTML 20Page - Micrel Semiconductor MICRF507YMLTR Datasheet HTML 21Page - Micrel Semiconductor MICRF507YMLTR Datasheet HTML 22Page - Micrel Semiconductor MICRF507YMLTR Datasheet HTML 23Page - Micrel Semiconductor MICRF507YMLTR Datasheet HTML 24Page - Micrel Semiconductor MICRF507YMLTR Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
21
Revision 2.2
Phase
detector
Prescaler
N-Divider
M-Divider
Div 2
Loop filter
Charge pump
A-Divider
PA
Div 2
VCO
XCO
Downconverter
Figure 12. PLL Block Diagram
A6…A0
D7
D6
D5
D4
D3
D2
D1
D0
0001010
-
-
A0_5
A0_4
A0_3
A0_2
A0_1
A0_0
0001011
-
-
-
-
N0_11
N0_10
N0_9
N0_8
0001100
N0_7
N0_6
N0_5
N0_4
N0_3
N0_2
N0_1
N0_0
0001101
-
-
-
-
M0_11
M0_10
M0_9
M0_8
0001110
M0_7
M0_6
M0_5
M0_4
M0_3
M0_2
M0_1
M0_0
0001111
-
-
A1_5
A1_4
A1_3
A1_2
A1_1
A1_0
0010000
-
-
-
-
N1_11
N1_10
N1_9
N1_8
0010001
N1_7
N1_6
N1_5
N1_4
N1_3
N1_2
N1_1
N1_0
0010010
-
-
-
-
M1_11
M1_10
M1_9
M1_8
0010011
M1_7
M1_6
M1_5
M1_4
M1_3
M1_2
M1_1
M1_0
Table 10. Register Bit Fields for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com