Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7297D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7297D
Description  10W10W DUAL BRIDGE AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297D Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7297D Datasheet HTML 1Page - STMicroelectronics TDA7297D Datasheet HTML 2Page - STMicroelectronics TDA7297D Datasheet HTML 3Page - STMicroelectronics TDA7297D Datasheet HTML 4Page - STMicroelectronics TDA7297D Datasheet HTML 5Page - STMicroelectronics TDA7297D Datasheet HTML 6Page - STMicroelectronics TDA7297D Datasheet HTML 7Page - STMicroelectronics TDA7297D Datasheet HTML 8Page - STMicroelectronics TDA7297D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TDA7297D
4/11
Figure 4. Microprocessor Application
Figure 5. Microprocessor Driving Signals
2
5
7
Vref
ST-BY
9
IN1
C1 0.22
µF
VCC
15
6
D02AU1409
+
-
-
+
OUT1+
OUT1-
19
16
14
MUTE
8
IN2
C3 0.22
µF
+
-
-
+
OUT2+
OUT2-
20
13
S-GND
PW-GND
C5
470
µF
C6
100nF
R1 10K
C2
10
µF
µP
R2 10K
C4
1
µF
1
10
11
+VS(V)
VIN
(mV)
VST-BY
pin 9
Iq
(mA)
ST-BY
MUTE
PLAY
MUTE
ST-BY
+13V
1.8
0.8
VMUTE
pin 8
4.1
2.3
OFF
OFF
D02AU1411-Mod
VOUT
(V)
2.9
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com