Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSPD200480D3K Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # BSPD200480D3K
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BSPD200480D3K Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  BSPD200480D3K Datasheet HTML 1Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 2Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 3Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 4Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 5Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 6Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Technical Data 10209
Effective December 2015
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
5.0 Specifications
Table 14. specifications
Description
Specification
Available system voltages
Three-phase Wye
120/208, 277/480 and 347/600
Three-phase Delta
240, 480 and 600
Input power frequency
50/60Hz
Maximum continuous operating voltage (MCOV)
208Y, and 240D voltage/system type codes
150 L-N,150 L-G, 150 N-G, 300 L-L
480Y Voltage/system type code
320 L-N, 320 L-G, 320 N-G, 640 L-L
600Y Voltage/system type code
420 L-N, 420 L-G, 420 N-G, 840 L-L
480D Voltage/system type code
640 L-G, 640 L-L
600D Voltage/system type code
840 L-G, 840 L-L
Short-Circuit Current Rating (SCCR)
200kA
Nominal discharge current (I
n)
20kA
Surge current capacity per phase (I
max)
120kA, 200kA, 300kA and 400kA ratings available
SPD Types
Type 1 (
Basic configuration, can also be used in Type 2 applications)
Type 2 (
Standard and Standard With Surge Counter configurations)
Enclosure types
NEMA 1, NEMA 4X 304 Stainless Steel
Ports
1
SPD Conductor length/gauge
48” (1.22m) 10AWG Stranded copper
Form C contact relay (Standard and standard with surge counter configurations only)
Contact ratings
150Vac or 125Vdc, 1A maximum
Lead length/gauge
48 inches (1.22m) / 14AWG
Contact logic
Power ON, normal state; N.O. contact = Open, N.C. contact = Closed
Power OFF, fault state; N.O. contact = Closed, N.C. contact = Open
Power consumption
Basic configuration
208Y and 240D voltage/system type codes
0.5W
480Y and 480D voltage/system type codes
1.1W
600Y and 600D voltage/system type codes
1.3W
Standard and Standard With Surge Counter configurations
208Y and 240D voltage/system type codes
0.6W
480Y, and 480D voltage/system type codes
1.7W
600Y and 600D voltage/system type codes
2.1W
Protection modes
Three-phase Delta; L-G, L-L
Three-phase Wye; L-N, L-G, N-G, L-L
Operating temperature / humidity
-40 to +50°C (-40 to +122°F) / 5% to 95%, non-condensing
Operating altitude - ft (m)
16,000 (5000)
EMI/RFI filtering attenuation
Up to 50dB from 10kHz to 100MHz (standard and standard with surge counter
configurations)
Weight - lbs (kg)
NEMA 1: 120kA-200kA - 6.8 (3.1), 30- 400kA -13.5 (6.1) NEMA 4X: 120-200kA - 14.6
(6.6), 300-400kA - 21.0 (9.5)
Agency information
- Basic, Standard and Standard With Surge Counter configurations UL Listed 1449 3rd
Edition File E316410 Guide VZCA, CSA Certified Notice 516 File 243397
- Standard and Standard With Surge Counter configurations are also UL Recognized
1283 5th Edition File E316410 Guide VZCA2, CSA Component Acceptance Std. C22.2
No. 8-M1986 File 243397
Seismic withstand capability
Meets or exceeds the requirements specific to I.B.C. 2006, C.B.C 2007 and U.B.C zone 4
Warranty
10 Years (see warranty statement 3A1502 for details at www.cooperbussmann.com/
Surge)
Eaton.com/bussmannseries



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com