Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT621024PC-35LL Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # UT621024PC-35LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT621024PC-35LL Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UT621024PC-35LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 9Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 10Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 11Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UTRON
UT621024
Rev. 1.5
128K X 8 BIT LOW POWER CMOS SRAM
________________________________________________________________________________________________
UTRON TECHNOLOGY INC.
P80036
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
10
32 pin 8mm x 13.4mm STSOP Package Outline Dimension
Uni
t
Symbol
MM(REF)
INCH(BASE)
A
1.20(Max.)
0.047(Max).
A1
0.10±0.05
0.004±0.002
A2
1.00±0.05
0.039±0.002
b
020(TYP.)
0.006(TYP.)
c
0.15(TYP.)
0.006(TYP.)
D
13.40±0.20
0.526±0.006
Db
11.80±0.10
0.465±0.004
E
8.000±0.10
0.315±0.004
e
0.50(TYP.)
0.020(TYP.)
L
0.50±0.10
0.020±0.004
L1
0.80±0.10
0.0315±0.004
y
0.08(Max.)
0.003(Max.)
e
0 ~5
0 ~5
Note:
1.E dinmension is not including end
flash.
2.The total of both sides’ end flash Is
not above 0.3mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com