Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS80C31X2-VCAB Datasheet(PDF) 32 Page - ATMEL Corporation

Part # TS80C31X2-VCAB
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VCAB Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button TS80C31X2-VCAB Datasheet HTML 28Page - ATMEL Corporation TS80C31X2-VCAB Datasheet HTML 29Page - ATMEL Corporation TS80C31X2-VCAB Datasheet HTML 30Page - ATMEL Corporation TS80C31X2-VCAB Datasheet HTML 31Page - ATMEL Corporation TS80C31X2-VCAB Datasheet HTML 32Page - ATMEL Corporation TS80C31X2-VCAB Datasheet HTML 33Page - ATMEL Corporation TS80C31X2-VCAB Datasheet HTML 34Page - ATMEL Corporation TS80C31X2-VCAB Datasheet HTML 35Page - ATMEL Corporation TS80C31X2-VCAB Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
Rev. C - 15 January, 2001
TS80C31X2
7.5.2 External Program Memory Characteristics
Table 19. AC Parameters for Fix Clock
Table 18. Symbol Description
Symbol
Parameter
T
Oscillator clock period
TLHLL
ALE pulse width
TAVLL
Address Valid to ALE
TLLAX
Address Hold After ALE
TLLIV
ALE to Valid Instruction In
TLLPL
ALE to PSEN
TPLPH
PSEN Pulse Width
TPLIV
PSEN to Valid Instruction In
TPXIX
Input Instruction Hold After PSEN
TPXIZ
Input Instruction FloatAfter PSEN
TPXAV
PSEN to Address Valid
TAVIV
Address to Valid Instruction In
TPLAZ
PSEN Low to Address Float
Speed
-M
40 MHz
-V
X2 mode
30 MHz
60 MHz equiv.
-V
standard mode
40 MHz
-L
X2 mode
20 MHz
40 MHz equiv.
-L
standard mode
30 MHz
Units
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
T
25
33
25
50
33
ns
TLHLL
40
25
42
35
52
ns
TAVLL
10
4
12
5
13
ns
TLLAX
10
4
12
5
13
ns
TLLIV
70
45
78
65
98
ns
TLLPL
15
9
17
10
18
ns
TPLPH
55
35
60
50
75
ns
TPLIV
35
25
50
30
55
ns
TPXIX
0
0
0
0
0
ns
TPXIZ
18
12
20
10
18
ns
TAVIV
85
53
95
80
122
ns
TPLAZ
10
10
10
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com