Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T2802-PLQ Datasheet(PDF) 17 Page - ATMEL Corporation

Part # T2802-PLQ
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802-PLQ Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button T2802-PLQ Datasheet HTML 13Page - ATMEL Corporation T2802-PLQ Datasheet HTML 14Page - ATMEL Corporation T2802-PLQ Datasheet HTML 15Page - ATMEL Corporation T2802-PLQ Datasheet HTML 16Page - ATMEL Corporation T2802-PLQ Datasheet HTML 17Page - ATMEL Corporation T2802-PLQ Datasheet HTML 18Page - ATMEL Corporation T2802-PLQ Datasheet HTML 19Page - ATMEL Corporation T2802-PLQ Datasheet HTML 20Page - ATMEL Corporation T2802-PLQ Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
T2802
4509F–DECT–10/03
Data Word 1
D11 = x: do not care
Data Word 2
Data Word 1 Programs
PLL Settings
MSB
LSB
Data bits
Address
bit
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A0
RC
SC
MC
VS
X
MCC
GFCS
VCODAC
CPCS
GF
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0
A0
PA
DEMODDAC/RAMPDAC
MCCS
TEST
0
With the Reference Counter bits D21 - D22
RC (Reference Counter)
D22
D21
S
RC
REF_CLK
0
0
3
10.368 MHz
0
1
4
13.824 MHz
1
0
6
20.736 MHz
1
1
8
27.648 MHz
With the Main Counter bits D13 - D15
MC (Main Counter)
D15
D14
D13
S
MC
00
0
40
00
1
41
...
...
...
...
11
0
46
11
1
47
With the Swallow Counter bits D16 - D20
SC (Swallow Counter)
D20
D19
D18
D17
D16
S
SC
00
00
0
0
00
00
1
1
00
01
0
2
...
...
...
...
...
...
11
10
1
29
11
11
0
30
11
11
1
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com