Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LHTAT-3.3V Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # LHTAT-3.3V
Description  Crystal Clock Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

LHTAT-3.3V Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  LHTAT-3.3V Datasheet HTML 1Page - IQD Frequency Products Ltd LHTAT-3.3V Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LHTAT 3.3V
Crystal Clock Oscillator Specification
Manufacturing Details
Features:
High temperature operation up to 200°C
Excellent stability over temperature
High shock resistance
CMOS output
Optional output enable/disable
Hermetically sealed ceramic package
Through-hole leaded package
Reduces mechanical and thermal mounting stresses
Robust lead attach-eutectic brazing process
Gold-plated Kovar leads
Applications:
Industrial -
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
Avionics applications
Maximum Process Temperature: 260°C for 20sec
Termination Variants:
SM1 - Gold Plated
SM5 - Solder Dipped (Pb free)
Ordering Information
Frequency*
Model*
Supply Voltage
Shock Level*
Terminations*
Output
Frequency Tolerance (@ 25°C)*
Frequency Stability (over Operating Temperature Range)*
Operating Temperature Range*
Pin 1 Function*
(*minimum required)
Example
10.0MHz LHTAT 3.3V A-SM1
CMOS ±50ppm ±150ppm 25 to 175C EN
Compliance
Optional
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Supplied in tubes
Pack Style: Tube
Pack Size: 1
Electrical Specification - maximum limiting values 3.3V ±10%
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppm
mA
ns
%
6
10
25 to 150
320.00kHz
50.0MHz
±100.0
40/60%
6
10
25 to 175
±150.0
40/60%
6
10
25 to 200
±175.0
40/60%
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 27 Apr 16 11:27 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com