Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1003-2-BP Datasheet(PDF) 80 Page - Microchip Technology

Part # UCS1003-2-BP
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2-BP Datasheet(HTML) 80 Page - Microchip Technology

Back Button UCS1003-2-BP Datasheet HTML 76Page - Microchip Technology UCS1003-2-BP Datasheet HTML 77Page - Microchip Technology UCS1003-2-BP Datasheet HTML 78Page - Microchip Technology UCS1003-2-BP Datasheet HTML 79Page - Microchip Technology UCS1003-2-BP Datasheet HTML 80Page - Microchip Technology UCS1003-2-BP Datasheet HTML 81Page - Microchip Technology UCS1003-2-BP Datasheet HTML 82Page - Microchip Technology UCS1003-2-BP Datasheet HTML 83Page - Microchip Technology UCS1003-2-BP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 80
 2014-2015 Microchip Technology Inc.
10.5
Current Limit Register
The Current Limit register controls the ILIM used by the
port power switch. The default setting is based on the
resistor on the COMM_SEL/ILIM pin and this value cannot
be changed to be higher than the hardware set value.
The contents of this register are retained in Sleep.
Name
Bits Address
Cof
Default
Current Limit
8
19h
R/W
00h
REGISTER 10-13: CURRENT LIMIT REGISTER (ADDRESS 19h)
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—ILIM_SW<2:0>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented:
Read as ‘0’
bit 2-0
ILIM_SW<2:0>:
ILIM Value Setting bits(1)
000
= 0.57A
001
= 1.00A
010
= 1.13A
011
= 1.35A
100
= 1.68A
101
= 2.05A
110
= 2.28A
111
= 2.85A (3.0A maximum)
Note 1:
Unless otherwise indicated, the values specified are the typical ILIM in Table 1-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com