Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM5451 Datasheet(PDF) 4 Page - Microchip Technology

Part # MM5451
Description  LED Display Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM5451 Datasheet(HTML) 4 Page - Microchip Technology

  MM5451 Datasheet HTML 1Page - Microchip Technology MM5451 Datasheet HTML 2Page - Microchip Technology MM5451 Datasheet HTML 3Page - Microchip Technology MM5451 Datasheet HTML 4Page - Microchip Technology MM5451 Datasheet HTML 5Page - Microchip Technology MM5451 Datasheet HTML 6Page - Microchip Technology MM5451 Datasheet HTML 7Page - Microchip Technology MM5451 Datasheet HTML 8Page - Microchip Technology MM5451 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MM5450/51
DS20005651A-page 4
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Voltage (Any Pin)................................................................................................................................... VSS to VSS + 12V
Power Dissipation (+25°C) ...........................................................................................................................................1W
Power Dissipation (+85°C) ...................................................................................................................................560 mW
Operating Ratings ‡
Supply Voltage (VDD – VSS) ..................................................................................................................... +4.75V to +11V
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice:
The device is not guaranteed to function outside its operating ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com