Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV7321 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 4 Page - Microchip Technology

  HV7321 Datasheet HTML 1Page - Microchip Technology HV7321 Datasheet HTML 2Page - Microchip Technology HV7321 Datasheet HTML 3Page - Microchip Technology HV7321 Datasheet HTML 4Page - Microchip Technology HV7321 Datasheet HTML 5Page - Microchip Technology HV7321 Datasheet HTML 6Page - Microchip Technology HV7321 Datasheet HTML 7Page - Microchip Technology HV7321 Datasheet HTML 8Page - Microchip Technology HV7321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
HV7321
DS20005639A-page 4
 2016 Microchip Technology Inc.
HV7321 – Typical Application Circuit
X0
+80V
VPF1
VNN1
TX0
-60V
VPP0
VNN0
-80V
+60V
1 of 4 Channels
VDD
CWIN3
GND
+2.5V
VLL
PWS
POS3
VSUB
MODE
REN
TX1-3
RX1-3
RX0
RGND
RTZSW
CWSW
RXDMP
TRSW
VGP
-10V
OEN
to other ICs
CTRN[3:0]
OTPN
DT[63:0]
CLL= 2 µF 10V
CDD = 2µF 10V
CGP = 2 µF 16V
CPP0 = 2 µF 100V
CPP1 = 2 µF 100V
CNN1 = 2 µF 100V
CGN = 2 µF 16V
Connect to a low-voltage
CW source
(such as the MD1730)
CCPOS = 1µF 10V
CPOS
CPF0
CPF1
CCPF1 = 2 µF 10V
CNF0
CCNEG = 1 µF 10V
CNEG
CNF1
CCNF1 = 2 µF 10V
CNN0 = 2 µF 100V
CCNF0 = 2 µF 10V
CCPF1 = 2 µF 10V
VNN2
VNF1
TXFPGA I/Os
+5V
+10V
VPP1
RX0
VGN
RGND
SUB
TRSW
Decode
&
Level
Shift
VPF0
VNF0
CWIN2
CWIN1
CWIN0
CLK
NEG3
SEL3
POS0
NEG0
SEL0
OTPN
For CW Mode-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com