Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPES34 Datasheet(PDF) 2 Page - Total Power International

Part # TPES34
Description  EMI MEET EN 55022 / FCC CLASS B
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES34 Datasheet(HTML) 2 Page - Total Power International

  TPES34 Datasheet HTML 1Page - Total Power International TPES34 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION:
TPES34 - X X X Y YY
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (
Total Power External Switcher): About 34W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE(Vdc)/ CURRENT (A)
3.3Vdc ≤ Any Voltage < 12.0Vdc
3.3-4.0V/4.0A, 5.0-5.9V/5.0-4.77A,
6.0-6.9V/4.75-4.52A, 7.0-7.9V/4.5-4.27A,
8.0-8.9V/4.25-4.02A, 9.0-9.9V/4.0-3.63A,
10.0-10.9V/3.6-3.3A, 11.0-11.9V/3.27-3.02A.
12.0Vdc ≤ Any Voltage ≤ 24.0Vdc
12.0-12.9V/3.0-2.79A, 13.0-13.9V/2.76-2.58A,
14.0-14.9V/2.57-2.41A, 15.0-15.9V/2.4-2.26A,
16.0-18.0V/2.25-2.0A, 18.1-20.0V/0.1.98-1.8A,
20.1-22.5V/1.79-1.60A, 22.6-24.0V/1.59-1.5A.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 330.0g (11.6 Oz.)
SINGLE OUTPUT (Model No for example)
MODEL NO.
O/P VOLTAGE
O/P CURRENT
TPES34-033400
3.3Vdc
4.0A
TPES34-050500
5.0Vdc
5.0A
TPES34-090400
9.0Vdc
4.0A
TPES34-120300
12.0Vdc
3.0A
TPES34-150240
15.0Vdc
2.4A
TPES34-180200
18.0Vdc
2.0A
TPES34-240150
24.0Vdc
1.5A
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com