Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDF369AS4 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDF369AS4
Description  This specification shall cover the characteristics of SAW filter With F369A used for the page
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF369AS4 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  HDF369AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF369AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF369AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF369AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF369AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF369AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF369AS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF369AS4 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF369AS4 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SAW FILTER
HDF369A
S4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 9
meet the specifications in table 1.
5-5 Solderability
Subject the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than 95%
area of the terminals must be covered with new solder. It shall meet the specifications in
table 1.
5-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the device
shall fulfill the specifications in table 1.
5-7 Vibration
Subject the device to the vibration for 1 hour each in x,y and z axes with the amplitude of
1.5 mm at 10 to 55 Hz. The device shall fulfill the specifications in
table 1.
5-8 Lead fatigue
5-8-1 Pulling test
Weight along with the direction of lead without an shock 1kg. The device shall
satisfy
all the initial Characteristics.
5-8-2 Bending test
Lead shall be subject to withstand against 90℃ bending with 450g weight in the direction
of thickness. This operation shall be done toward both direction. The device shall show no
evidence of damage and shall satisfy all the initial electrical characteristics.
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
6.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.
7. Packing
7.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
7.2 Reeling Quantity
1000 pcs/reel
7’’
3000 pcs/reel
13’’
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com