Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NE894M13 Datasheet(PDF) 1 Page - NEC

Part # NE894M13
Description  NPN SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE894M13 Datasheet(HTML) 1 Page - NEC

  NE894M13 Datasheet HTML 1Page - NEC NE894M13 Datasheet HTML 2Page - NEC NE894M13 Datasheet HTML 3Page - NEC NE894M13 Datasheet HTML 4Page - NEC NE894M13 Datasheet HTML 5Page - NEC NE894M13 Datasheet HTML 6Page - NEC NE894M13 Datasheet HTML 7Page - NEC NE894M13 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NE894M13
NPN SILICON TRANSISTOR
NEW MINIATURE M13 PACKAGE:
– Small transistor outline
– 1.0 X 0.5 X 0.5 mm
– Low profile / 0.50 mm package height
– Flat lead style for better RF performance
IDEAL FOR > 3 GHz OSCILLATORS
LOW NOISE, HIGH GAIN
LOW Cre
UHSO 25 GHz PROCESS
FEATURES
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE M13
PART NUMBER
NE894M13
EIAJ1 REGISTERED NUMBER
2SC5787
PACKAGE OUTLINE
M13
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
fT
Gain Bandwidth at VCE = 1 V, IC = 20 mA, f = 2 GHz
GHz
17
20
|S21E|2
Insertion Power Gain at VCE = 1 V, IC = 20 mA, f = 2 GHz
dB
11
13
|NF
Noise Figure at VCE = 1 V, IC = 5 mA, f = 2 GHz, ZS = ZOPT
dB
1.4
2.5
Cre
Reverse Transfer Capacitance3 at VCB = 0.5 V, IE = 0 mA, f = 1 MHz
pF
0.22
0.30
ICBO
Collector Cutoff Current at VCB = 5 V, IE = 0
nA
100
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
nA
100
hFE
DC Current Gain2 at VCE = 1 V, IC = 5 mA
50
100
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
1. Electronic Industrial Association of Japan.
2. Pulsed measurement, pulse width ≤ 350 µs, duty cycle ≤ 2 %.
3. Collector to base capacitance when the emitter is grounded
DESCRIPTION
The NE894M13 transistor is designed for oscillator applica-
tions above 3 GHz. The NE894M13 features low voltage, low
current operation, low noise, and high gain. NEC's new low
profile/flat lead style "M13" package is ideal for today's portable
wireless applications.
California Eastern Laboratories
1. Emitter
2. Base
3. Collector
PIN CONNECTIONS
0.1
0.1
0.5
+0.1
ñ0.05
0.7±0.05
1
2
3
0.3
0.2
0.2
(Bottom View)


Similar Part No. - NE894M13

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE894M13 CEL-NE894M13 Datasheet
473Kb / 9P
NPN SILICON TRANSISTOR
NE894M13-A CEL-NE894M13-A Datasheet
473Kb / 9P
NPN SILICON TRANSISTOR
NE894M13-T3-A CEL-NE894M13-T3-A Datasheet
473Kb / 9P
NPN SILICON TRANSISTOR
More results

Similar Description - NE894M13

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com