Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2155 Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 23Page - Dallas Semiconductor DS2155 Datasheet HTML 24Page - Dallas Semiconductor DS2155 Datasheet HTML 25Page - Dallas Semiconductor DS2155 Datasheet HTML 26Page - Dallas Semiconductor DS2155 Datasheet HTML 27Page - Dallas Semiconductor DS2155 Datasheet HTML 28Page - Dallas Semiconductor DS2155 Datasheet HTML 29Page - Dallas Semiconductor DS2155 Datasheet HTML 30Page - Dallas Semiconductor DS2155 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 262 page
background image
DS2156
27 of 262
3.3
Parallel Control Port Pins
Signal Name:
INT
Signal Description:
Interrupt
Signal Type:
Output
Flags host controller during conditions and events defined in the status registers. Active-low, open-drain output.
Signal Name:
TSTRST
Signal Description:
Three-State Control and Device Reset
Signal Type:
Input
A dual function pin. A 0-to-1 transition issues a hardware reset to the DS2156 register set. A reset clears all
configuration registers. Configuration register contents are set to 0. Leaving TSTRST high three-states all output
and I/O pins (including the parallel control port). Set low for normal operation. Useful in board-level testing.
Signal Name:
MUX
Signal Description:
Bus Operation
Signal Type:
Input
Set low to select nonmultiplexed bus operation. Set high to select multiplexed bus operation.
Signal Name:
AD0 to AD7
Signal Description:
Data Bus [D0 to D7] or Address/Data Bus
Signal Type:
Input/Output
In nonmultiplexed bus operation (MUX = 0), these serve as the data bus. In multiplexed bus operation (MUX = 1),
these pins serve as an 8-bit multiplexed address/data bus.
Signal Name:
A0 to A6
Signal Description:
Address Bus
Signal Type:
Input
In nonmultiplexed bus operation (MUX = 0), these serve as the address bus. In multiplexed bus operation
(MUX = 1), these pins are not used and should be connected low.
Signal Name:
BTS
Signal Description:
Bus Type Select
Signal Type:
Input
Strap high to select Motorola bus timing; strap low to select Intel bus timing. This pin controls the function of the
RD (DS), ALE (AS), and WR (R/W) pins.
If BTS = 1, then these pins assume the function listed in parentheses ().
Signal Name:
RD (DS)
Signal Description:
Read Input, Data Strobe
Signal Type:
Input
RD and DS are active-low signals. DS active HIGH when MUX = 1. See Bus Timing Diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com