Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC8220 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TC8220
Description  Two Pair, N- and P-Channel Enhancement-Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC8220 Datasheet(HTML) 1 Page - Supertex, Inc

  TC8220 Datasheet HTML 1Page - Supertex, Inc TC8220 Datasheet HTML 2Page - Supertex, Inc TC8220 Datasheet HTML 3Page - Supertex, Inc TC8220 Datasheet HTML 4Page - Supertex, Inc TC8220 Datasheet HTML 5Page - Supertex, Inc TC8220 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-TC8220
B080713
TC8220
Features
High voltage Vertical DMOS technology
Integrated gate-to-source resistor
Integrated gate-to-source Zener diode
Low threshold, Low on-resistance
Low input & output capacitance
Fast switching speeds
Electrically isolated N- and P-MOSFET pairs
Applications
High voltage pulsers
Amplifiers
Buffers
Piezoelectric transducer drivers
General purpose line drivers
Logic level interfaces
Two Pair, N- and P-Channel
Enhancement-Mode MOSFET
General Description
The Supertex TC8220 consists of two pairs of high voltage, low
threshold N-channel and P-channel MOSFETs in a 12-Lead DFN
package.AllMOSFETshaveintegratedthe gate-to-sourceresistors
and gate-to-source Zener diode clamps which are desired for high
voltage pulser applications. The complimentary, high-speed, high
voltage, gate-clamped N and P-channel MOSFET pairs utilize an
advanced vertical DMOS structure and Supertex’s well-proven
silicon-gate manufacturing process. This combination produces a
device with the power handling capabilities of bipolar transistors
and with the high input impedance and positive temperature
coefficient inherent in MOS devices.
Characteristic of all MOS structures, these devices are free from
thermal runaway and thermally induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low input
and output capacitance, and fast switching speeds are desired.
Typical Application Circuit
1.8 to 5.0V
Logic Imputs
OUTB
VDD
VH
INA
INB
OE
0.1µF
+10V
Supertex
TC8220
DAMP
VL
GND
INC
IND
VSS
+PULSE
-PULSE
ENAB
V
PP
+100V
10nF
Supertex
MD1822
0.47µF
OUTA
OUTD
OUTC
1.0µF
1.0µF
V
NN
-100V


Similar Part No. - TC8220

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC820 TELCOM-TC820 Datasheet
275Kb / 22P
3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
logo
Microchip Technology
TC820 MICROCHIP-TC820 Datasheet
616Kb / 28P
3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
TelCom Semiconductor, I...
TC820CKW TELCOM-TC820CKW Datasheet
275Kb / 22P
3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
logo
Microchip Technology
TC820CKW MICROCHIP-TC820CKW Datasheet
616Kb / 28P
3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
TelCom Semiconductor, I...
TC820CLW TELCOM-TC820CLW Datasheet
275Kb / 22P
3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
More results

Similar Description - TC8220

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC7320 SUTEX-TC7320 Datasheet
218Kb / 5P
Six Pair N- and P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
N & P Pair Enhancement Mode MOSFET
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
logo
SYNC POWER Crop.
SPC6606 SYNC-POWER-SPC6606 Datasheet
590Kb / 9P
N and P Pair Enhancement Mode MOSFET
logo
Supertex, Inc
TC8020 SUTEX-TC8020 Datasheet
684Kb / 8P
Six Pair, N- and P-Channel Enhancement-Mode MOSFET
TC7920 SUTEX-TC7920 Datasheet
579Kb / 5P
Two Pair, N- and P-Channel Enhancement-Mode MOSFET with Drain-Diodes
logo
Microchip Technology
TC6321 MICROCHIP-TC6321 Datasheet
427Kb / 26P
N- and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com