Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8208 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
RTL8208
2001/01/07
13
Rev.1.923
Reset – In order to reset the RTL8208 by software control, a ‘1’ must be written to bit 15 using an SMI write operation. The bit
clears itself after the reset process is complete, and does not need to be cleared using a second SMI write. Writes to other Control
register bits will have no effect until the reset process is completed, which requires approximately 1us. Writing a ‘0’ to this bit
has no effect. Because this bit is self clearing after a few cycles from a write operation, it will return a ‘0’ when read.
Loopback – The RTL8208 may be placed into loopback mode by writing a ‘1’ to bit 14. Loopback mode may be cleared either
by writing a ‘0’ to bit 14 or by resetting the chip. When this bit is read, it will return a ‘1’ when the chip is in software-controlled
loopback mode, otherwise it will return a ‘0’.
Speed Selection – If Auto-negotiation is enabled, this bit has no effect on the speed selection. However, if Auto-negotiation is
disabled by software control, the operating speed of the RTL8208 can be forced by writing the appropriate value to bit 13.
Writing a ‘1’ to this bit forces 100Base-X operation, while writing a ‘0’ forces 10Base-T operation. When this bit is read, it
returns the value of the software controlled forced speed selection only.
Auto Negotiation Enable – Default Auto Negotiation enable for all TP ports and disable for FX ports. Auto-negotiation can be
disabled by either software control to set 0.12=0.
Power Down – The RTL8208 supports a low power mode which is intended to decrease power consumption. Writing a ‘1’ will
enable power down mode, and writing a ‘0’ will return the RTL8208 to normal operation. When read, this register will return a
‘1’ when in power down mode, and a ‘0’ during normal operation.
Isolate – Each individual PHY may be isolated from its MII by writing a ‘1’ to bit 10. All MII outputs will be tri-stated and all
MII inputs will be ignored. Since the MII management interface is still active, the isolate mode may be cleared either by writing
a ‘0’ to bit 10 or by resetting the chip. When this bit is read, it will return a ‘1’ when the chip is in isolate mode, and a ‘0’ during
normal operation.
Restart Auto Negotiation – Bit 9 is a self-clearing bit that allows the Auto-negotiation process to be restarted, regardless of the
current status of the Auto-negotiation state machine. In order for this bit to have an effect, Auto-negotiation must be enabled.
Writing a ‘1’ to this bit restarts Auto-negotiation while writing a ‘0’ to this bit has no effect. When this bit is read, it will always
return a ‘0’.
Duplex Mode – By default, the RTL8208 powers up in half duplex mode. The chip can be forced into full duplex mode by
writing a ‘1’ to bit 8 while Auto-negotiation is disabled. Half duplex mode can be resumed either by writing a ‘0’ to bit 8 or by
resetting the chip. When Nway is enabled, this bit reflects the results of the Auto-negotiation, and is in a read only mode. When
Nway is disabled, this bit can be set through the SMI, and is in a read/write mode. When 100FX is enabled, this bit can be set
through the SMI or FX_DUPLEX pin and is in a read/write mode.
Reserved Bits – All reserved MII register bits must be written as ‘0’ at all times. Ignore the RTL8208 output when these bits are
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com