Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC6511CP Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC6511CP
Description  BIDIRECTIONAL TVS DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC6511CP Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC6511CP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC6511CP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC6511CP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LC6511CP
BIDIRECTIONAL TVS DIODE
Features
●
Ultra low leakage: nA level
●
Operating voltage: 6V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions DFN1006
Pin Configuration
Mechanical Characteristics
●
Package: DFN1006
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:5,000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
50
W
ESD per IEC 61000−4−2 (Air)
VESD
±30
Kv
ESD per IEC 61000−4−2 (Contact)
±30
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - LC6511CP

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC6511CP30 LEIDITECH-LC6511CP30 Datasheet
324Kb / 3P
BIDIRECTIONAL TVS DIODE
More results

Similar Description - LC6511CP

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05L LEIDITECH-SD05L Datasheet
312Kb / 3P
BIDIRECTIONAL TVS DIODE
SD18CW LEIDITECH-SD18CW Datasheet
333Kb / 3P
BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
BIDIRECTIONAL TVS DIODE
SDA0811CBP LEIDITECH-SDA0811CBP Datasheet
453Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA1811CDN LEIDITECH-SDA1811CDN Datasheet
213Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com