Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN0109 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VN0109
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN0109 Datasheet(HTML) 2 Page - Supertex, Inc

  VN0109_13 Datasheet HTML 1Page - Supertex, Inc VN0109_13 Datasheet HTML 2Page - Supertex, Inc VN0109_13 Datasheet HTML 3Page - Supertex, Inc VN0109_13 Datasheet HTML 4Page - Supertex, Inc VN0109_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-VN0109
C081913
VN0109
Electrical Characteristics (T
A = 25
O
C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
r
INPUT
INPUT
OUTPUT
10V
VDD
R
GEN
0V
0V
t
f
BV
DSS
Drain-to-source breakdown voltage
90
-
-
V
V
GS = 0V, ID = 1.0mA
V
GS(th)
Gate threshold voltage
0.8
-
2.4
V
V
GS = VDS, ID= 1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-3.8
-5.5 mV/OC V
GS = VDS, ID= 1.0mA
I
GSS
Gate body leakage
-
-
100
nA
V
GS = ± 20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
1.0
µA
V
GS = 0V, VDS = Max Rating
-
-
100
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
I
D(ON)
On-state drain current
0.5
1.0
-
A
V
GS = 5.0V, VDS = 25V
2.0
2.5
-
V
GS = 10V, VDS = 25V
R
DS(ON)
Static drain-to-source on-state resistance
-
3.0
5.0
Ω
V
GS = 5.0V, ID = 250mA
-
2.5
3.0
V
GS = 10V, ID = 1.0A
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
0.70
1.0
%/OC V
GS = 10V, ID = 1.0A
G
FS
Forward transductance
300
450
-
mmho V
DS = 25V, ID = 500mA
C
ISS
Input capacitance
-
55
65
pF
V
GS = 0V,
V
DS = 25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
20
25
C
RSS
Reverse transfer capacitance
-
5.0
8.0
t
d(ON)
Turn-on delay time
-
3.0
5.0
ns
V
DD = 25V,
I
D = 1.0A,
R
GEN = 25Ω
t
r
Rise time
-
5.0
8.0
t
d(OFF)
Turn-off delay time
-
6.0
9.0
t
f
Fall time
-
5.0
8.0
V
SD
Diode forward voltage drop
-
1.2
1.8
V
V
GS = 0V, ISD = 1.0A
t
rr
Reverse recovery time
-
400
-
ns
V
GS = 0V, ISD = 1.0A
Notes:
1.
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
Notes:
† I
D (continuous) is limited by max rated Tj .
Thermal Characteristics
Package
I
D
(continuous)
I
D
(pulsed)
Power Dissipation
@T
C = 25
O
C
I
DR
I
DRM
TO-92
350mA
2.0A
1.0W
350mA
2.0A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com