Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9325 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9325
Description  Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9325 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9325 Datasheet HTML 5Page - STMicroelectronics STV9325 Datasheet HTML 6Page - STMicroelectronics STV9325 Datasheet HTML 7Page - STMicroelectronics STV9325 Datasheet HTML 8Page - STMicroelectronics STV9325 Datasheet HTML 9Page - STMicroelectronics STV9325 Datasheet HTML 10Page - STMicroelectronics STV9325 Datasheet HTML 11Page - STMicroelectronics STV9325 Datasheet HTML 12Page - STMicroelectronics STV9325 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
STV9325
Application Hints
4.3.1
Centring
When idle, both driver outputs provide icm and the yoke current should be null (R1 is negligible),
hence:
4.3.2
Peak Current
Scanning current should be IP when positive and negative driver outputs provide respectively
icm -ip and icm +ip, therefore
and since R7 = R2:
Choose R1 in the 1Ω range, the value of R2 = R7 follows. Remember that i is one-quarter of driver
peak-peak differential signal! Also check that the voltages on the driver outputs remain inside
allowed range.
●
Example: for icm = 0.4mA, i = 0.2mA (corresponding to 0.8mA of peak-peak differential
current), Ip =1A
Choose R1 = 0.75Ω, it follows R2 = R7 = 1.875kΩ.
4.3.3
Ripple Rejection
Make sure to connect R7 directly to the ground side of R1.
4.3.4
Secondary Breakdown Diagrams
The diagram has been arbitrarily limited to max I0 (2 A).
Figure 8: Output Transistor Safe Operating Area (SOA) for Secondary Breakdown
i
cm
R
7
⋅
i
cm
R
2
therefore
R
7
R
2
=
⋅
=
i
cm
i
–
() R
7
⋅
I
p
R
1
⋅
i
cm
i
+
() R
2
⋅
+
=
I
p
i
-----
2R
7
R
1
-----------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com