Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP2435 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP2435
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2435 Datasheet(HTML) 3 Page - Supertex, Inc

  TP2435_13 Datasheet HTML 1Page - Supertex, Inc TP2435_13 Datasheet HTML 2Page - Supertex, Inc TP2435_13 Datasheet HTML 3Page - Supertex, Inc TP2435_13 Datasheet HTML 4Page - Supertex, Inc TP2435_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-TP2435
B081413
TP2435
Typical Performance Curves
Gate Drive Dynamic Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
V
GS = -4.5V
T
j (
O
C)
I
D (amperes)
BV
DSS Variation with Temperature
V
(th) and RDS Variation with Temperature
Q
G (nanocoulombs)
V
DS (volts)
T
j (
O
C)
V
GS = -10V
V
GS (volts)
400
200
100
0
0
-10
-20
-30
-40
f = 1.0MHz
C
ISS
C
OSS
C
RSS
-10
-8
-6
-4
-2
0
0
1
2
3
4
5
6
7
V
DS = -40V
V
DS = -20V
I
D = -500mA
T
A = -55
O
C
125OC
25OC
V
DS = -15V
2.4
2.0
1.6
1.2
0.8
0
V
GS(th) @ -1mA
R
DS(ON) @ -10V, -0.5A
1.2
1.0
0.8
1.2
1.1
1.0
0.9
0.8
0.7
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
-0.0
-1.0
-2.0
-3.0
-4.0
BV @ -250µA
-50
0
50
100
150
0
-0.3
-0.6
-0.9
-1.2
-1.5
-1.8
-50
0
50
100
150
50
40
30
20
10
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com