Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP2435 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP2435
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2435 Datasheet(HTML) 1 Page - Supertex, Inc

  TP2435 Datasheet HTML 1Page - Supertex, Inc TP2435 Datasheet HTML 2Page - Supertex, Inc TP2435 Datasheet HTML 3Page - Supertex, Inc TP2435 Datasheet HTML 4Page - Supertex, Inc TP2435 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-TP2435
B081413
TP2435
TP4SW W = Code for week sealed
= “Green” Packaging
Features
► Low threshold
► High input impedance
► Low input capacitance
► Fast switching speeds
► Free from secondary breakdown
► Low input and output leakage
Applications
► Logic level interfaces
► Solid state relays
► Linear amplifiers
► Power management
► Analog switches
► Telecom switches
General Description
This low threshold enhancement-mode (normally-off)
transistor utilizes a vertical DMOS structure and Supertex’s
well-proven silicon-gate manufacturing process. This
combination produces a device with the power handling
capabilities of bipolar transistors and with the high input
impedance and positive temperature coefficient inherent
in MOS devices. Characteristic of all MOS structures, this
device is free from thermal runaway and thermally-induced
secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very
low threshold voltage, high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
Pin Configuration
Product Marking
TO-243AA (SOT-89)
TO-243AA (SOT-89)
GATE
SOURCE
DRAIN
DRAIN
P-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Ordering Information
Part Number
Package Option
Packing
TP2435N8-G
TO-243AA (SOT-89)
2000/Reel
Product Summary
BV
DSS/BVDGS
R
DS(ON)
(max)
V
GS(th)
(max)
I
D(ON)
(min)
-350V
15Ω
-2.4V
-800mA
-G denotes a lead (Pb)-free / RoHS compliant package.
Contact factory for Wafer / Die availablity.
Devices in Wafer / Die form are lead (Pb)-free / RoHS compliant.
Typical Thermal Resistance
Package
θ
ja
TO-243AA (SOT-89)
133OC/W
Package may or may not include the following marks: Si or


Similar Part No. - TP2435

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP2435 SUTEX-TP2435 Datasheet
496Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TP2435 MICROCHIP-TP2435 Datasheet
299Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
logo
Supertex, Inc
TP2435N8 SUTEX-TP2435N8 Datasheet
496Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TP2435N8G MICROCHIP-TP2435N8G Datasheet
299Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
logo
Supertex, Inc
TP2435NW SUTEX-TP2435NW Datasheet
496Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TP2435

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4105A DIODES-ZVP4105A Datasheet
60Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
logo
Supertex, Inc
TP5335 SUTEX-TP5335_13 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com