Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BH1682FVC Datasheet(PDF) 1 Page - Rohm

Part # BH1682FVC
Description  Analog Current Output Type Ambient Light Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1682FVC Datasheet(HTML) 1 Page - Rohm

  BH1682FVC Datasheet HTML 1Page - Rohm BH1682FVC Datasheet HTML 2Page - Rohm BH1682FVC Datasheet HTML 3Page - Rohm BH1682FVC Datasheet HTML 4Page - Rohm BH1682FVC Datasheet HTML 5Page - Rohm BH1682FVC Datasheet HTML 6Page - Rohm BH1682FVC Datasheet HTML 7Page - Rohm BH1682FVC Datasheet HTML 8Page - Rohm BH1682FVC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
〇Product structure:Silicon monolithic integrated circuit.
〇This product has no designed protection against radioactive rays.
〇This product does not include laser transmitter.
〇This product does not include optical load.
〇This product includes Photo detector, ( Photo Diode ) inside of it.
.
1/11
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111
• 14 • 001
www.rohm.com
TSZ02201-0M3M0F616040-1-2
13.May.2016 Rev.001
Ambient Light Sensor IC Series
Analog Current Output Type
Ambient Light Sensor IC
BH1682FVC
General Description
BH1682FVC is an analog current output type ambient
light sensor IC. The output is proportion to logarithm of
illuminance. It has wide illuminance detection range and
is suitable for the application of display brightness
control.
Features
 Built-in log scale current AMP
 Built-in Ircut filter
 Built-in shutdown function
 Correspond to 1.8V logic interface
Applications
Mobile Phone, LCD TV, Note PC, Portable Game
Machine, Digital Camera, LCD Display, etc.
Typical Application Circuits
Key Specifications
■ VCC Voltage Range:
2.3V to 5.5V
■ Detection Range:
55klx (Typ)
■ IOUT Output Current at 100lx:
20
μA (Typ)
■ Shutdown Current:
0.1
μA (Typ)
■ Operating Temperature Range:
-40°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
WSOF5
1.60mm x 1.60mm x 0.60mm
WSOF5
0.1
µF
VCC
EN
PD
IOUT
Log scale
current
AMP
GND
NC
RL
Micro
Controller
Datasheet


Similar Part No. - BH1682FVC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BH16821ADGG PHILIPS-BH16821ADGG Datasheet
80Kb / 10P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
BH16821ADL PHILIPS-BH16821ADL Datasheet
80Kb / 10P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
BH16823ADGG PHILIPS-BH16823ADGG Datasheet
86Kb / 12P
18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
BH16823ADL PHILIPS-BH16823ADL Datasheet
86Kb / 12P
18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
BH16827ADGG PHILIPS-BH16827ADGG Datasheet
73Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
More results

Similar Description - BH1682FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
Analog Output Ambient Light Sensor IC
BH1603FVC ROHM-BH1603FVC Datasheet
266Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC Datasheet
312Kb / 10P
Analog Current Output Type Ambient Light Sensor IC
BH1621FVC ROHM-BH1621FVC Datasheet
293Kb / 10P
Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC_10 Datasheet
272Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
BH1680FVC-E ROHM-BH1680FVC-E Datasheet
293Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
BH1600FVC-TR ROHM-BH1600FVC-TR Datasheet
358Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
BH1603FVC ROHM-BH1603FVC_12 Datasheet
502Kb / 12P
Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
Analog Current Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com