Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP05ARTZ-REEL7 Datasheet(PDF) 13 Page - Analog Devices

Part # TMP05ARTZ-REEL7
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP05ARTZ-REEL7 Datasheet(HTML) 13 Page - Analog Devices

Back Button TMP05ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices TMP05ARTZ-REEL7 Datasheet HTML 10Page - Analog Devices TMP05ARTZ-REEL7 Datasheet HTML 11Page - Analog Devices TMP05ARTZ-REEL7 Datasheet HTML 12Page - Analog Devices TMP05ARTZ-REEL7 Datasheet HTML 13Page - Analog Devices TMP05ARTZ-REEL7 Datasheet HTML 14Page - Analog Devices TMP05ARTZ-REEL7 Datasheet HTML 15Page - Analog Devices TMP05ARTZ-REEL7 Datasheet HTML 16Page - Analog Devices TMP05ARTZ-REEL7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 13 of 28
THEORY OF OPERATION
CIRCUIT INFORMATION
The TMP05/TMP06 are monolithic temperature sensors that
generate a modulated serial digital output that varies in direct
proportion with the temperature of the device. An on-board
sensor generates a voltage precisely proportional to absolute
temperature, which is compared to an internal voltage reference
and is input to a precision digital modulator. The ratiometric
encoding format of the serial digital output is independent of
the clock drift errors common to most serial modulation
techniques such as voltage-to-frequency converters. Overall
accuracy for the A Grade is ±2°C from 0°C to +70°C, with
excellent transducer linearity. B Grade accuracy is ±1°C from
25°C to 70°C. The digital output of the TMP05 is CMOS/TTL
compatible, and is easily interfaced to the serial inputs of most
popular microprocessors. The open-drain output of the TMP06
is capable of sinking 5 mA.
The on-board temperature sensor has excellent accuracy and
linearity over the entire rated temperature range without
correction or calibration by the user.
The sensor output is digitized by a first-order Σ-∆ modulator,
also known as the charge balance type analog-to-digital
converter. This type of converter utilizes time-domain over-
sampling and a high accuracy comparator to deliver 12 bits of
effective accuracy in an extremely compact circuit.
CONVERTER DETAILS
The Σ-∆ modulator consists of an input sampler, a summing
network, an integrator, a comparator, and a 1-bit DAC. Similar
to the voltage-to-frequency converter, this architecture creates,
in effect, a negative feedback loop whose intent is to minimize
the integrator output by changing the duty cycle of the
comparator output in response to input voltage changes. The
comparator samples the output of the integrator at a much
higher rate than the input sampling frequency, which is called
oversampling. Oversampling spreads the quantization noise
over a much wider band than that of the input signal, improving
overall noise performance and increasing accuracy.
Σ-∆ MODULATOR
INTEGRATOR
COMPARATOR
1-BIT
DAC
DIGITAL
FILTER
CLOCK
GENERATOR
VOLTAGE REF
AND VPTAT
TMP05/TMP06
OUT
(SINGLE-BIT)
+
-
+
-
Figure 21. First-Order
Σ-∆ Modulator
The modulated output of the comparator is encoded using a
circuit technique that results in a serial digital signal with a
mark-space ratio format. This format is easily decoded by any
microprocessor into either °C or °F values, and is readily
transmitted or modulated over a single wire. More importantly,
this encoding method neatly avoids major error sources
common to other modulation techniques, because it is clock-
independent.
FUNCTIONAL DESCRIPTION
The output of the TMP05/TMP06 is a square wave with a
typical period of 116 ms at 25°C (CONV/IN pin is left floating).
The high period, TH, is constant, while the low period, TL, varies
with measured temperature. The output format for the nominal
conversion rate is readily decoded by the user as follows:
Temperature (°C) = 421 − (751 × (TH/TL))
(1)
TH
TL
Figure 22. TMP05/TMP06 Output Format
The time periods TH (high period) and TL (low period) are
values easily read by a microprocessor timer/counter port, with
the above calculations performed in software. Because both
periods are obtained consecutively using the same clock,
performing the division indicated in the previous formula
results in a ratiometric value that is independent of the exact
frequency or drift of either the originating clock of the TMP05/
TMP06 or the user’s counting clock.
OPERATING MODES
The user can program the TMP05/TMP06 to operate in three
different modes by configuring the FUNC pin on power-up as
either low, floating, or high.
Table 6. Operating Modes
FUNC Pin
Operating Mode
Low
One shot
Floating
Continuously converting
High
Daisy-chain
Continuously Converting Mode
In continuously converting mode, the TMP05/TMP06 continu-
ously output a square wave representing temperature. The
frequency at which this square wave is output is determined by
the state of the CONV/IN pin on power-up. Any change to the
state of the CONV/IN pin after power-up is not reflected in the
parts until the TMP05/TMP06 are powered down and back up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com