Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDW01F1C Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SDW01F1C
Description  MacAdam 3-step binning
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW01F1C Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SDW01F1C Datasheet HTML 7Page - Seoul Semiconductor SDW01F1C Datasheet HTML 8Page - Seoul Semiconductor SDW01F1C Datasheet HTML 9Page - Seoul Semiconductor SDW01F1C Datasheet HTML 10Page - Seoul Semiconductor SDW01F1C Datasheet HTML 11Page - Seoul Semiconductor SDW01F1C Datasheet HTML 12Page - Seoul Semiconductor SDW01F1C Datasheet HTML 13Page - Seoul Semiconductor SDW01F1C Datasheet HTML 14Page - Seoul Semiconductor SDW01F1C Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
Rev7.1, Nov 10, 2016
www.seoulsemicon.com
Product Data Sheet
SDWx1F1C
– Chip on Board
Characteristics Graph
20
40
60
80
100
120
140
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
Jinction Temperature(
oC)
CIE X(5000K)
CIE Y(5000K)
20
40
60
80
100
120
140
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
CIE X(3000K)
CIE Y(3000K)
Junction Temperature(
oC)
Fig 10. Junction Temperature vs. CIE x, y Shift, I
F=180mA (CRI90)
Fig 9. Junction Temperature vs. CIE x, y Shift, I
F=180mA (CRI70)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com