Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SYT802-SC Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SYT802-SC
Description  PLCC4 Yellow Color
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SYT802-SC Datasheet(HTML) 1 Page - Seoul Semiconductor

  SYT802-SC Datasheet HTML 1Page - Seoul Semiconductor SYT802-SC Datasheet HTML 2Page - Seoul Semiconductor SYT802-SC Datasheet HTML 3Page - Seoul Semiconductor SYT802-SC Datasheet HTML 4Page - Seoul Semiconductor SYT802-SC Datasheet HTML 5Page - Seoul Semiconductor SYT802-SC Datasheet HTML 6Page - Seoul Semiconductor SYT802-SC Datasheet HTML 7Page - Seoul Semiconductor SYT802-SC Datasheet HTML 8Page - Seoul Semiconductor SYT802-SC Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
Product Data Sheet
SYT802-SC
– 802 Series Amber
1
Rev1.0, June 16, 2016
Applicable for automotive Exterior light
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
AEC-Q101
RoHS
•
This Amber Colored surface-mount LED
comes in standard package dimension.
Package Size: 3.5x2.8x1.9mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
•
PLCC4 Yellow Color
•
ESD max 2kV
•
MSL Level 2
•
Viewing angle 120℃
•
AEC-Q101 Qualified
•
RoHS compliant
•
Automotive Exterior Lighting
•
Stop tail Lamp, CHMSL
802 Series Amber
SYT802-SC


Similar Part No. - SYT802-SC

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SYT802-SB SEOUL-SYT802-SB Datasheet
908Kb / 24P
Applicable for automotive Exterior light
More results

Similar Description - SYT802-SC

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSARGB3R8 OPTEK-OVSARGB3R8 Datasheet
815Kb / 8P
Full Color PLCC4 LED
logo
NTE Electronics
NTE30101 NTE-NTE30101 Datasheet
83Kb / 2P
LED − Dual Color 3mm Yellow/Yellow Green
NTE30105 NTE-NTE30105 Datasheet
83Kb / 2P
LED − Dual Color 5mm Yellow/Yellow Green
NTE30109 NTE-NTE30109 Datasheet
83Kb / 2P
LED − Dual Color 5mm Yellow/Yellow Green
logo
Visual Communications C...
VAOS-SP4RGB4 VCC-VAOS-SP4RGB4 Datasheet
1Mb / 12P
Full Color PLCC4 Type SMD LED
logo
E-SWITCH
52-PV8F2Y0SS351 E-SWITCH-52-PV8F2Y0SS351 Datasheet
136Kb / 1P
14. ILLUMINATION COLOR: YELLOW (FORWARD), YELLOW (REVERSE)
logo
List of Unclassifed Man...
QBLP677-Y ETC2-QBLP677-Y Datasheet
520Kb / 9P
PLCC4 Yellow LED
QBLP677-Y ETC1-QBLP677-Y Datasheet
520Kb / 9P
PLCC4 Yellow LED
logo
TT Electronics.
OVSARGB3R8 TTELEC-OVSARGB3R8 Datasheet
818Kb / 8P
Full Color PLCC4 LED
OVSARGB4R8 TTELEC-OVSARGB4R8 Datasheet
392Kb / 7P
Full Color PLCC4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com