Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PST24 Datasheet(PDF) 7 Page - Power System Technology

Part # PST24
Description  Standard product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST24 Datasheet(HTML) 7 Page - Power System Technology

  PST24 Datasheet HTML 1Page - Power System Technology PST24 Datasheet HTML 2Page - Power System Technology PST24 Datasheet HTML 3Page - Power System Technology PST24 Datasheet HTML 4Page - Power System Technology PST24 Datasheet HTML 5Page - Power System Technology PST24 Datasheet HTML 6Page - Power System Technology PST24 Datasheet HTML 7Page - Power System Technology PST24 Datasheet HTML 8Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Installations Instructions
PST24 Rev. 01
Page 7 of 8
www.powersystemtechnology.com
These converters are components, intended exclusively for integration into
other equipment by an industrial assembly process or by a professionnaly
competent person. Installation must strictly follow the safety regulations
in respect of the enclosure, mounting, creepage and clearance distances,
markings of the end-use application.
Connection to the system shall be made via the corresponding mating
connector .
The +IN is internally fused. This fuse is designed to protect the converter against
overcurrent caused by a failure, but may not be able to satisfy all requirements.
External fuses in the wiring circuit to one or both input pins may be necessary
to ensure compliance with local requirements.
Do not open the converters, or the warranty will be invalidated. Make sure that
there is sufficient heat dissipation available for conduction cooling. This should
be verified by measuring the case of temperature at the specified measuring
point, when the converter is operated in the end-use application.
Cleaning Agents and Process
The converters are not hermetically sealed. In order to avoid possible damage,
any penetration of liquids shall be avoided.
Isolation
The electric strength test is performed in the factory in accordance with IEC/EN
60950.
Standards and Approvals
The converters are built to meet the safety standards IEC 60950-1, EN 60950-1,
UL 60950-1 and CSA 60950-1.
Connector Pin Allocation
INPUT : J1: Molex 90130-3212 ( 12pins, 3A / pin ), J3: Molex 90130-3206 (6 pins)
ĀȀ̀
ЀԀ؀܀ࠀऀ਀଀ऀఀഀ
ĀȀ̀ЀԀЀ؀܀ЀȀࠀ
ऀ਀଀
ఀ܀ഀ฀؀฀ༀကЀ฀ᄀሀጀ؀Ѐༀ܀᐀؀ᔀᘀကЀ
ĀȀ̀ЀȀЀ؀܀Ѐᜀ
᠀਀଀
଀ကᘀᔀ؀฀ༀကЀ฀ᄀሀጀ؀Ѐༀ܀᐀؀ᔀᘀကЀ
ĀȀ̀ЀᤀЀ؀܀Ѐᨀ
ᬀᔀᰀ؀ᴀ
Āࠀ̀Ȁ
ऀḀἀ
ఀ܀ഀ฀؀฀ༀကЀ ጀ؀ሀጀ؀Ѐༀ܀᐀؀ᔀᘀကЀἀ
Āࠀ̀ЀࠀЀ؀܀Ѐ!Ѐ
"ḀȀ
#က؀ጀᰀᄀЀ ጀ؀ሀጀ؀Ѐༀ܀᐀؀ᔀᘀကЀȀ
Āࠀ̀Ѐ$Ѐ؀܀ЀȀᤀЀ
ऀḀȀ
ఀ܀ഀ฀؀฀ༀကЀ ጀ؀ሀጀ؀Ѐༀ܀᐀؀ᔀᘀကЀȀ
Āࠀ̀ЀȀ!Ѐ؀܀Ѐࠀ"Ѐ
"ḀȀ
#က؀ጀᰀᄀЀ ጀ؀ሀጀ؀Ѐༀ܀᐀؀ᔀᘀကЀȀ
Āࠀ̀ࠀȀЀ؀܀Ѐࠀᤀ
ऀḀࠀ
ఀ܀ഀ฀؀฀ༀကЀ ጀ؀ሀጀ؀Ѐༀ܀᐀؀ᔀᘀကЀࠀ
Āࠀ̀Ѐࠀ!Ѐ؀܀Ѐἀ"Ѐ
"Ḁࠀ
#က؀ጀᰀᄀЀ ጀ؀ሀጀ؀Ѐༀ܀᐀؀ᔀᘀကЀࠀ
ĀἂȀ
᠀਀଀%
᠀Ѐ਀ᄀᴀ฀&฀؀฀܀ᄀЀ
Āἂࠀ
ऀ਀଀%
ऀЀ਀ᄀᴀ฀&฀؀฀܀ᄀЀ
Safety and Installations Instructions
OUTPUT : J2: Molex 90130-3230 ( 30 pins, 3A / pin )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com