Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C358C Datasheet(PDF) 1 Page - NEC

Part # C358C
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

C358C Datasheet(HTML) 1 Page - NEC

  C358C Datasheet HTML 1Page - NEC C358C Datasheet HTML 2Page - NEC C358C Datasheet HTML 3Page - NEC C358C Datasheet HTML 4Page - NEC C358C Datasheet HTML 5Page - NEC C358C Datasheet HTML 6Page - NEC C358C Datasheet HTML 7Page - NEC C358C Datasheet HTML 8Page - NEC C358C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1997
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC358
Document No. G11765EJ4V0DS00 (4th edition)
(Previous No. IC-1284)
Date Published May 1997 N
Printed in Japan
LOW POWER DUAL OPERATIONAL AMPLIFIERS
DESCRIPTION
The
µPC358 is a dual operational amplifier which is
designed to operate from a single power supply over a
wide range of voltages.
Operation from split power
supplies is also possible and the power supply current
drain is very low. Further advantage, the input common-
mode voltage range includes ground in the linear mode.
FEATURES
•
Internally frequency compensation
•
Wide output voltage swing V– to V+ –1.5 V
•
Common mode input voltage range includes V–
•
Wide supply voltage range
3 V to 30 V (Single)
±1.5 V to ±15 V (Split)
•
Output short circuit protection
EQUIVALENT CIRCUIT (1/2 Circuit)
V+
V–
OUT
Q6
Q5
Q7
Q13
Q12
Q11
Q10
Q9
Q8
Q4
Q3
Q2
Q1
CC
II
IN
RSC
6 A
µ
6 A
µ
100 A
µ
50 A
µ
PIN CONFIGURATION (Marking Side)
OUT1
II1
IN1
V
–
V
+
OUT2
II2
IN2
1
2
3
4
8
7
6
5
+
–
1
–
+
2
+
–
1
+–
2
12
3
4
5
6
7
8
9
PC358C, 358G2
µ
PC358HA
µ
ORDERING INFORMATION
Part Number
Package
µPC358C
8-pin plastic DIP (300 mil)
µPC358G2
8-pin plastic SOP (225 mil)
µPC358HA
9-pin slim SIP
The mark
shows major revised points.
The information in this document is subject to change without notice.


Similar Part No. - C358C

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C358 COILCRAFT-C358 Datasheet
100Kb / 1P
Designer’s Kits
logo
Powerbox
C3580 POWERBOX-C3580 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3580V POWERBOX-C3580V Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3580Z POWERBOX-C3580Z Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3581 POWERBOX-C3581 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
More results

Similar Description - C358C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com