Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYW20704 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYW20704
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20704 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYW20704 Datasheet HTML 4Page - Cypress Semiconductor CYW20704 Datasheet HTML 5Page - Cypress Semiconductor CYW20704 Datasheet HTML 6Page - Cypress Semiconductor CYW20704 Datasheet HTML 7Page - Cypress Semiconductor CYW20704 Datasheet HTML 8Page - Cypress Semiconductor CYW20704 Datasheet HTML 9Page - Cypress Semiconductor CYW20704 Datasheet HTML 10Page - Cypress Semiconductor CYW20704 Datasheet HTML 11Page - Cypress Semiconductor CYW20704 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Document Number: 002-14786 Rev. *E
Page 8 of 49
CYW20704
2.5 Internal LDO
The CYW20704 uses two LDOs—one for 1.2V and the other for 2.5V. The 1.2V LDO is used to provide the power supply to the
baseband and the radio while the 2.5V LDO is used for the PA power supply.
Figure 4. LDO Functional Block
VDDC_IN
VDD2P5_IN
AVSS_GND
VDD2P5_OUT
VDDC_OUT
2.5V LDO (BTLDO2P5)
1.2V LDO (VDDC_LDO)
CYW20704 PMU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com